Part Number Hot Search : 
AT754A BY254GP PE3411LF 25LF020A SA220 AAZ17 Z4684 AD660
Product Description
Full Text Search
 

To Download EMG22D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
EMG22D
5mmx10mm LIGHT BAR
PRELIMINARY SPEC Features
UNIFORM LIGHT EMITTING AREA. EASILY MOUNTED ON P.C. BOARDS OR INDUSTRY STANDARD SOCKETS. FLUSH MOUNTABLE. EXCELLENT ON/OFF CONTRAST. CAN BE USED WITH PANELS AND LEGEND MOUNTS. MECHANICALLY RUGGED. I.C. COMPATIBLE. BOTTOM SURFACE OF EPOXY IS NOT FLAT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg MG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85 260C For 3 Seconds 260C For 5 Seconds Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MG (GaP) 2.2 2.5 10 Unit V V uA
P
565
nm
D
568
nm
30
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 19
Wavelength nm P
Viewing Angle 2 1/2
EMG22D
Green
GaP
Green Diffused
4
565
120
Published Date : MAR 20,2008
Drawing No : SDSA3729
V4
Checked : B.L.LIU
P.1/4
Part Number:
www.SunLED.com
EMG22D
5mmx10mm LIGHT BAR
MG
Published Date : MAR 20,2008
Drawing No : SDSA3729
V4
Checked : B.L.LIU
P.2/4
Part Number:
www.SunLED.com
EMG22D
5mmx10mm LIGHT BAR
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 20,2008
Drawing No : SDSA3729
V4
Checked : B.L.LIU
P.3/4
Part Number:
www.SunLED.com
EMG22D
5mmx10mm LIGHT BAR
PACKING & LABEL SPECIFICATIONS
EMG22D
Published Date : MAR 20,2008
Drawing No : SDSA3729
V4
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of EMG22D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X