Part Number Hot Search : 
C1454 D10FA391 80C52 BB207 121KB P32EP MB258 BD99A41F
Product Description
Full Text Search
 

To Download DMR57A-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
DMR57A-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Features
2.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Per Segment or (DP) Forward Current Per Segment or (DP) Forward Current (Peak) Per Segment or (DP) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Per Segment or (DP) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF MR (GaAlAs) 20 (10) 30 (30) 155 (155) 300 (150) -40 ~ +85 -40 ~ +85 Unit V mA Operating Characteristics (TA=25C) Forward Voltage (Typ.) Per Segment or (DP) (IF=10mA) Forward Voltage (Max.) Per Segment or (DP) (IF=10mA) Reverse Current Per Segment or (DP) (VR=20(10)V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF MR (GaAlAs) 7.2 (3.6) 10.0 (5.0) Unit
V
VF
V
iFS
mA
IR
10
uA
PT TA Tstg
mW C
P D C
660 640 20 45
nm nm nm pF
260C For 3 -5 Seconds
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 74990
Wavelength nm P
Description
DMR57A-A
Red
GaAlAs
18000
660 V4
Common Anode. Rt. Hand Decimal Checked : Shin Chi P.1/5
Published Date : MAR 04,2008
Drawing No : SDSA2173
www.SunLED.com
Part Number:
DMR57A-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
MR
Published Date : MAR 04,2008
Drawing No : SDSA2173
V4
Checked : Shin Chi
P.2/5
www.SunLED.com
Part Number:
DMR57A-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Published Date : MAR 04,2008
Drawing No : SDSA2173
V4
Checked : Shin Chi
P.3/5
www.SunLED.com
Part Number:
DMR57A-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 04,2008
Drawing No : SDSA2173
V4
Checked : Shin Chi
P.4/5
www.SunLED.com
Part Number:
DMR57A-A
57mm (2.3") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DMR57A-A
Published Date : MAR 04,2008
Drawing No : SDSA2173
V4
Checked : Shin Chi
P.5/5


▲Up To Search▲   

 
Price & Availability of DMR57A-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X