Part Number Hot Search : 
DL4753A DR77097 TEN06 RGA37D AN1215 1N534 FN2837 LM79MXX
Product Description
Full Text Search
 

To Download CM150DY-24NF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM150DY-24NF
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dual IGBTMODTM NF-Series Module
150 Amperes/1200 Volts
TC MEASURED POINT (BASEPLATE)
A F E F E
G2 E2
G J
B
N
C2E1 E2 C1 E1 G1
H G
K L (2 PLACES)
K D
K M NUTS (3 PLACES)
P Q
P Q
P
T THICK U WIDTH
S C V LABEL R
G2 E2
Description: Powerex IGBTMODTM Modules are designed for use in switching applications. Each module consists of two IGBT Transistors in a halfbridge configuration with each transistor having a reverse-connected super-fast recovery free-wheel diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management. Features: Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode Isolated Baseplate for Easy Heat Sinking Applications: AC Motor Control UPS Battery Powered Supplies Ordering Information: Example: Select the complete part module number you desire from the table below -i.e. CM150DY-24NF is a 1200V (VCES), 150 Ampere Dual IGBTMODTM Power Module.
Type CM Current Rating Amperes 150 VCES Volts (x 50) 24
C2E1
E2
C1
E1 G1
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K Inches 3.70 1.89 Millimeters 94.0 48.0 Dimensions L M N P Q R S T U V Inches 0.26 Dia. M5 Metric 0.79 0.63 0.28 0.83 0.30 0.02 0.110 0.16 Millimeters Dia. 6.5 M5 20.0 16.0 7.0 21.2 7.5 0.5 2.8 4.0
1.14+0.04/-0.02 29.0+1.0/-0.5 3.150.01 0.67 0.91 0.16 0.71 0.51 0.47 80.00.25 17.0 23.0 4.0 18.0 13.0 12.0
1
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM150DY-24NF Dual IGBTMODTM NF-Series Module 150 Amperes/1200 Volts
Absolute Maximum Ratings, Tj = 25 C unless otherwise specified
Ratings Junction Temperature Storage Temperature Collector-Emitter Voltage (G-E Short) Gate-Emitter Voltage (C-E Short) Collector Current*** (DC, TC' = 110C) Peak Collector Current Emitter Current** (TC = 25C) Peak Emitter Current** Maximum Collector Dissipation (TC = 25C, Tj 150C) Mounting Torque, M5 Main Terminal Mounting Torque, M6 Mounting Weight Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) Symbol Tj Tstg VCES VGES IC ICM IE IEM PC -- -- -- VISO CM150DY-24NF -40 to 150 -40 to 125 1200 20 150 300* 150 300* 780 30 40 310 2500 Units C C Volts Volts Amperes Amperes Amperes Amperes Watts in-lb in-lb Grams Volts
Static Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Collector-Cutoff Current Gate Leakage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) QG VEC Test Conditions VCE = VCES, VGE = 0V VGE = VGES, VCE = 0V IC = 15mA, VCE = 10V IC = 150A, VGE = 15V, Tj = 25C IC = 150A, VGE = 15V, Tj = 125C Total Gate Charge Emitter-Collector Voltage** VCC = 600V, IC = 150A, VGE = 15V IE = 150A, VGE = 0V Min. -- -- 6.0 -- -- -- -- Typ. -- -- 7.0 1.8 2.0 1000 -- Max. 1.0 0.5 8.0 2.5 -- -- 3.2 Units mA A Volts Volts Volts nC Volts
Dynamic Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Inductive Load Switch Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr VCC = 600V, IC = 150A, VGE1 = VGE2 = 15V, RG = 2.1, Inductive Load Switching Operation, IE = 150A VCE = 10V, VGE = 0V Test Conditions Min. -- -- -- -- -- -- -- -- -- Typ. -- -- -- -- -- -- -- -- 7.5 Max. 35 3 0.68 120 80 450 350 150 -- Units nf nf nf ns ns ns ns ns C
Diode Reverse Recovery Time** Diode Reverse Recovery Charge**
*Pulse width and repetition rate should be such that device junction temperature (Tj) does not exceed Tj(max) rating. **Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi) *** Tc' measured point is just under the chips. If this value is used, Rth(f-a) should be measured just under the chips
2
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM150DY-24NF Dual IGBTMODTM NF-Series Module 150 Amperes/1200 Volts
Thermal and Mechanical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Thermal Resistance, Junction to Case Symbol Rth(j-c)Q Rth(j-c)D Rth(j-c)'Q Rth(c-f) RG Test Conditions Per IGBT 1/2 Module, TC Reference Point per Outline Drawing Thermal Resistance, Junction to Case Per FWDi 1/2 Module, TC Reference Point per Outline Drawing Thermal Resistance, Junction to Case Per IGBT 1/2 Module, TC Reference Point Under Chips Contact Thermal Resistance External Gate Resistance Per 1/2 Module, Thermal Grease Applied -- 2.1 0.07 -- -- 21 C/W -- -- 0.093 C/W -- -- 0.25 C/W Min. -- Typ. -- Max. 0.16 Units C/W
OUTPUT CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
300 250 200
15
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
VGE = 20V
13
12
Tj = 25oC
4
VGE = 15V Tj = 25C Tj = 125C
10
Tj = 25C
COLLECTOR CURRENT, IC, (AMPERES)
3
8 6 4 2
IC = 300A
11
150 100
10
2
IC = 150A IC = 60A
1
50
9
0 0 2 4 6 8 10
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
0 0
50
0 100 150 200 250 300 6 8 10 12 14 16 18 20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-CURRENT, IC, (AMPERES)
FREE-WHEEL DIODE FORWARD CHARACTERISTICS (TYPICAL)
CAPACITANCE VS. VCE (TYPICAL)
HALF-BRIDGE SWITCHING CHARACTERISTICS (TYPICAL)
103
CAPACITANCE, Cies, Coes, Cres, (nF)
EMITTER CURRENT, IE, (AMPERES)
102
Tj = 25C Tj = 125C Cies
SWITCHING TIME, (ns)
103
tf td(off)
101
102
td(on) tr
102
Coes
100
Cres VGE = 0V
101
VCC = 600V VGE = 15V RG = 2.1 Tj = 125C Inductive Load
101 0 1 2 3 4 5
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
10-1 10-1
100
101
102
100 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
3
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM150DY-24NF Dual IGBTMODTM NF-Series Module 150 Amperes/1200 Volts
REVERSE RECOVERY CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
GATE CHARGE VS. VGE
SWITCHING LOSS, ESW( on), ESW( off), (mJ/PULSE)
SWITCHING LOSS VS. COLLECTOR CURRENT (TYPICAL)
103
REVERSE RECOVERY TIME, trr, (ns)
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
VCC = 600V VGE = 15V RG = 2.1 Tj = 25C Inductive Load
103
20
IC = 150A
102
16
VCC = 400V VCC = 600V
12 8 4
VCC = 600V VGE = 15V RG = 2.1 Tj = 125C Inductive Load C Snubber at Bus
102
102
101
Irr trr
101 101
101 103
ESW(on) ESW(off)
102
EMITTER CURRENT, IE, (AMPERES)
0 0
200 400 600 800 1000 1200 1400
GATE CHARGE, QG, (nC)
100 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Zth(j-c') Zth = Rth (NORMALIZED VALUE)
SWITCHING LOSS VS. GATE RESISTANCE (TYPICAL)
SWITCHING LOSS, ESW( on), ESW( off), (mJ/PULSE)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT & FWDi)
102
100
10-3
10-2
10-1
100
101
10-1
10-1
Single Pulse TC = 25C Per Unit Base = Rth(j-c) = 0.16C/W (IGBT) Rth(j-c) = 0.25C/W (FWDi)
101
VCC = 600V VGE = 15V IC = 150A Tj = 125C Inductive Load C Snubber at Bus ESW(on) ESW(off)
10-2
10-2
100 100
101
GATE RESISTANCE, RG, ()
102
10-3 10-5
TIME, (s)
10-4
10-3 10-3
4


▲Up To Search▲   

 
Price & Availability of CM150DY-24NF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X