Part Number Hot Search : 
MV5087 B560C KBPC1502 LD1085V RCL4K5E S125HN 180N0 MAX1386
Product Description
Full Text Search
 

To Download C4OAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C4 SERIES OUTPUT MODULES
SPECIFICATIONS (1)
Input
Part Number
Nominal Voltage VDC Minimum Voltage VDC Maximum Voltage VDC Drop-out Voltage Maximum Current (2) (3) Resistance Nominal Line Voltage Minimum Line Voltage Maximum Line Voltage Max Off-State Voltage (4) Max Off-State Leakage (5) Static Off-State dv/dt (6) Maximum Rated On-State Current (7) Minimum On-State Current Max Surge Current (8) On-State Voltage Drop or Resistance (9) HP Rating Maximum Turn-On Time [msec] (10) Maximum Turn-Off Time [msec] Input/Output Isolation Voltage (11) Input/Output Capacitance Operating Temperature Range Storage Temperature Range Line Frequency Range Weight 4-32 4.0 32 1.0 22 Regulated Input 120 VAC 12 VAC 140 VAC 600 Vpeak 0.1mArms 200 V/usec 3.0 Arms 50 mArms 100 Apeak 1.6 V 1/4 8.33 8.33 4000 4 -30 to 80C -40 to 100C 47 to 63 Hz 1.1 oz. (31.2g)
C4OAC
Output
4-32 4.0 32 1.0 22 Regulated Input 240 VAC 12 VAC 280 VAC 600 Vpeak 0.1mArms 200 V/usec 3.0 Arms 50 mArms 100 Apeak 1.6 V 1/4 8.33 8.33 4000 4 -30 to 80C -40 to 100C 47 to 63 Hz 1.1 oz. (31.2g)
C4OACA
4-32 4.0 32 1.0 22 Regulated Input 120 VAC 12 VAC 140 VAC 600 Vpeak 0.1mArms 200 V/usec 3.0 Arms 50 mArms 100 Apeak 1.6 V 1/4 0.1 8.33 4000 4 -30 to 80C -40 to 100C 47 to 63 Hz 1.1 oz. (31.2g)
C4OACR
4-32 4.0 32 1.0 22 Regulated Input 240 VAC 12 VAC 280 VAC 600 Vpeak 0.1mArms 200 V/usec 3.0 Arms 50 mArms 100 Apeak 1.6 V 1/4 0.1 8.33 4000 4 -30 to 80C -40 to 100C 47 to 63 Hz 1.1 oz. (31.2g)
C4OACAR
4-32 4.0 32 1.0 16 Regulated Input 5-48 VDC 5.0 VDC 60 VDC 60 VDC 10 uA n/a 3.0 A 10 mA 5.0 Apeak 1.6 V n/a 0.05 0.05 4000 4 -30 to 80C -40 to 100C DC 1.1 oz. (31.2g)
C4ODC
4-32 4.0 32 1.0 16 Regulated Input 5-150 VDC 3 VDC 250 VDC 250 VDC 10 uA n/a 1.0 A 10 mA 5.0 Apeak 1.6 V n/a 0.05 0.05 4000 4 -30 to 80C -40 to 100C DC 1.1 oz. (31.2g)
C4ODCA
MECHANICAL SPECIFICATIONS
AGENCY APPROVALS
ANNEX - ENVIROMENTAL INFORMATION
Solid State Relays
I/O Modules


▲Up To Search▲   

 
Price & Availability of C4OAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X