Part Number Hot Search : 
FPF1504 SSI22106 05S30 45984 R4000 1N4948 58M08 42700
Product Description
Full Text Search
 

To Download BZG05C51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZG05C-Series
Vishay Semiconductors
Zener Diodes
Features
* * * * * * * Glass passivated junction High reliability e3 Voltage range 3.3 V to 100 V Fits onto 5 mm SMD footpads Wave and reflow solderable Lead (Pb)-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
15811
Applications
* Voltage stabilization
Mechanical Data
Case: DO-214AC Weight: approx. 77 mg Packaging Codes/Options: TR / 1.5 k 7 " reel TR3 / 6 k 13 " reel 6 k/box
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Power dissipation Test condition RthJA < 30 K/W, Tamb = 60 C RthJA < 100 K/W, Tamb = 25 C Non repetitive peak surge power tp = 100 s sq.pulse, Tj = 25 C dissipation prior to surge Junction temperature Storage temperature range Symbol Pdiss Pdiss PZSM Tj Tstg Value 3 1.25 60 150 - 65 to + 150 Unit W W W C C
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Junction lead Junction ambient mounted on epoxy-glass hard tissue, Fig. 1a mounted on epoxy-glass hard tissue, Fig. 1b mounted on Al-oxid-ceramic (Al2O3), Fig. 1b Test condition Symbol RthJL RthJA RthJA RthJA Value 30 150 125 100 Unit K/W K/W K/W K/W
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Forward voltage Document Number 85595 Rev. 1.9, 23-Jan-06 Test condition IF = 0.2 A Symbol VF Min Typ. Max 1.2 Unit V www.vishay.com 1
BZG05C-Series
Vishay Semiconductors Electrical Characteristics
Partnumber Zener Voltage Maximum Dynamic Resistance Test Current Temp. Coefficient of Zener Voltage Test Current Max. Reverse Reverse Voltage Leakage Current IR A 40 20 10 3 3 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 VR V 1 1 1 1 1 1.5 2 3 4 4.5 6.2 6.8 7 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75
VZ at IZT V min BZG05C3V3 BZG05C3V6 BZG05C3V9 BZG05C4V3 BZG05C4V7 BZG05C5V1 BZG05C5V6 BZG05C6V2 BZG05C6V8 BZG05C7V5 BZG05C8V2 BZG05C9V1 BZG05C10 BZG05C11 BZG05C12 BZG05C13 BZG05C15 BZG05C16 BZG05C18 BZG05C20 BZG05C22 BZG05C24 BZG05C27 BZG05C30 BZG05C33 BZG05C36 BZG05C39 BZG05C43 BZG05C47 BZG05C51 BZG05C56 BZG05C62 BZG05C68 BZG05C75 BZG05C82 BZG05C91 BZG05C100 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 95 typ 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 max 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 87 96 106
rzjT at IZT 20 20 15 13 13 10 7 4 3.5 3 5 5 7 8 9 10 15 15 20 24 25 25 30 30 35 40 50 50 90 115 120 125 130 135 200 250 350
rzjK at IZK
IZT mA min
at IZT %/K max - 0.05 - 0.05 - 0.02 - 0.01 0.04 0.04 0.045 0.055 0.06 0.065 0.07 0.075 0.08 0.08 0.085 0.085 0.09 0.09 0.09 0.09 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 - 0.08 - 0.08 - 0.07 - 0.07 - 0.03 - 0.01 0 0.01 0.015 0.02 0.03 0.035 0.04 0.045 0.045 0.05 0.055 0.055 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06
IZK mA 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
400 500 500 500 600 500 400 300 300 200 200 200 200 300 350 400 500 500 500 600 600 600 750 1000 1000 1000 1000 1000 1500 1500 2000 2000 2000 2000 3000 3000 3000
80 60 60 50 45 45 45 35 35 35 25 25 25 20 20 20 15 15 15 10 10 10 8 8 8 8 6 6 4 4 4 4 4 4 2.7 2.7 2.7
www.vishay.com 2
Document Number 85595 Rev. 1.9, 23-Jan-06
BZG05C-Series
Vishay Semiconductors Typical Characteristics (Tamb = 25 C unless otherwise specified)
a) b) 5.0 2.0 1.5 10.0 2.0
25.0
94 9313
1.0 25.0
Figure 1. Boards for RthJA definition (copper overlay 35 )
Package Dimensions in mm (Inches)
19628
Document Number 85595 Rev. 1.9, 23-Jan-06
www.vishay.com 3
BZG05C-Series
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85595 Rev. 1.9, 23-Jan-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BZG05C51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X