Part Number Hot Search : 
SC162 MP1080 29517 1C5C1 MAE25003 FSS35 CGRA4002 XXXLXX
Product Description
Full Text Search
 

To Download BYM07-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYM07-50 thru BYM07-400, EGL34A thru EGL34G
Vishay General Semiconductor
Surface Mount Glass Passivated Ultrafast Rectifier
FEATURES * Cavity-free glass-passivated junction
(R)
* Ideal for automated placement * Ultrafast reverse recovery time * Low switching losses, high efficiency * Meets environmental standard MIL-S-19500 * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in high frequency rectification and freewheeling application in switching mode converters and inverters for consumer, computer, automotive and telecommunication.
*Glass-plastic encapsulation is covered by Patent No. 3,996,602, brazed-lead assembly to Patent No. 3,930,306
* nted e Pat
DO-213AA (GL34)
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM trr VF TJ max. 0.5 A 50 V to 400 V 10 A 50 ns 1.25 V, 1.35 V 175 C
MECHANICAL DATA Case: DO-213AA, molded epoxy over glass body Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC-Q101 qualified), meets JESD 201 class 2 whisker test Polarity: Two bands indicate cathode end - 1st band denotes device type and 2nd band denotes repetitive peak reverse voltage rating
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Fast efficient device: 1 band is green Polarity color bands (2nd band) Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TT = 75 C Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Maximum full load reverse current, full cycle average at TA = 55 C Operating junction and storage temperature range www.vishay.com 628 VRRM VRMS VDC IF(AV)
st
SYMBOL BYM07-50 BYM07-100 BYM07-150 BYM07-200 BYM07-300 BYM07-400 UNIT EGL34A Gray 50 35 50 EGL34B Red 100 70 100 EGL34C Pink 150 105 150 0.5 EGL34D Orange 200 140 200 EGL34F Brown 300 210 300 EGL34G Yellow 400 280 400 V V V A
IFSM
10
A
IR(AV) TJ, TSTG
50 - 65 to + 175
A C
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88580 Revision: 27-Aug-08
BYM07-50 thru BYM07-400, EGL34A thru EGL34G
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum DC reverse current at rated DC blocking voltage (1) Maximum instantaneous forward voltage (1) Max. reverse recovery time Typical junction capacitance BYM07-50 BYM07-100 BYM07-150 BYM07-200 BYM07-300 BYM07-400 TEST SYMBOL UNIT CONDITIONS EGL34A EGL34B EGL34C EGL34D EGL34F EGL34G TA = 25 C TA = 125 C 0.5 A IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A 4.0 V, 1 MHz IR VF trr CJ 1.25 50 7.0 5.0 50 1.35 A V ns pF
Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum thermal resistance (1)(2) SYMBOL RJA RJT BYM07-50 BYM07-100 BYM07-150 BYM07-200 BYM07-300 BYM07-400 EGL34A EGL34B EGL34C EGL34D 150 70 EGL34F EGL34G UNIT C/W
Notes: (1) Thermal resistance from junction to ambient, 0.24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal (2) Thermal resistance from junction to terminal, 0.24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal
ORDERING INFORMATION (Example)
PREFERRED P/N EGL34D-E3/98 EGL34D-E3/83 EGL34DHE3/98 (1) EGL34DHE3/83 (1) UNIT WEIGHT (g) 0.036 0.036 0.036 0.036 PREFERRED PACKAGE CODE 98 83 98 83 BASE QUANTITY 2500 9000 2500 9000 DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel
Note: (1) Automotive grade AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
Average Forward Rectified Current (A)
0.5 12
Peak Forward Surge Current (A)
0.4
10
TJ = TJ Max. 8.3 ms Single Half Sine-Wave
8
0.3
6
0.2 Resistive or Inductive Load 0.1
4
2
0 0 25 50 75 100 125 150 175
0 1 10 100
Terminal Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Current Derating Curve Document Number: 88580 Revision: 27-Aug-08
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current www.vishay.com 629
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
BYM07-50 thru BYM07-400, EGL34A thru EGL34G
Vishay General Semiconductor
100
35 Pulse Width = 300 s 1 % Duty Cycle 30 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Forward Current (A)
10
TJ = 150 C
Junction Capacitance (pF)
25 20 15 10 5 0
1 TJ = 25 C
0.1 EGL34A - EGL34D EGL34F & EGL34G 0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.1
1
10
100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 5. Typical Junction Capacitance
100
100
10 TJ = 150 C 1 TJ = 125 C 0.1 TJ = 75 C 0.01 TJ = 25 C 0.001 0 20 40 60 80 100
Transient Thermal Impedance (C/W)
Instantaneous Reverse Leakage Current (A)
10
1
0.1 0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t - Pulse Duration (s)
Figure 4. Typical Reverse Characteristics
Figure 6. Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-213AA (GL34)
Solderable Ends
1st BAND 2nd BAND 0.066 (1.676) 0.060 (1.524)
Mounting Pad Layout
0.079 (2.0) MAX.
D2
0.079 (2.0) MIN.
D1 =
0.049 (1.25) MIN. 0.022 (0.559) 0.016 (0.406) D2 = D1 0.145 (3.683) 0.131 (3.327)
+0 - 0.008 (0.20)
0.177 (4.5) REF.
1st band denotes type and polarity 2nd band denotes voltage type
www.vishay.com 630
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88580 Revision: 27-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BYM07-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X