![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Embedded Power for Business-Critical Continuity BXA40 Series Single output Total Power: 40W Input Voltage: 18 - 36VDC 36 - 75VDC # of Outputs: Single Rev.03.08.07 bxa40s 1 of 4 Special Features * Pin-compatible with NFC40 Series * Meets telecom power supply interface standard ETS300-132-2 * EN60950, CSA C22.2 No. 950 and UL1950 safety approvals * EN61000-4-2, -3, -4, -5, -6 immunity compliant * Fixed frequency operation at 350 kHz typ. * MTBF in excess of 500,000 hours * Basic insulation system with 1500 Vdc isolation * Remote sense on low voltage logic outputs * Output voltage trim * Available RoHS compliant * 2 year warranty The BXA40 Series providing up to 40 Watts, has been conceived as an applications specific range of dc-dc converters, specifically addressing telecommunications, industrial electronics, test equipment, mobile telecommunications and distributed power applications. The series offers two wide input voltage ranges, 18 Vdc to 36 Vdc and 36 Vdc to 75 Vdc, and is available with single outputs from 2.9 V to 12 V. The BXA40 series is designed to meet ETSI telecoms interface standards ETS300-132-2. Together with internal filtering, safety approval to IEC950 and basic insulation, the 48 V models are ideal for telecommunications applications. The 24 V models are particularly suited to industrial and test equipment applications, featuring EN61000-4-2, -3, -4, -5 and -6 immunity compliance. Other features include low output ripple, overvoltage protection, indefinite short circuit protection, remote enable and remote sense. Safety VDE0805/EN60950/IEC950 File No. 14501-3336-7009 Licence No. 6296 UL1950 File No. E174104 CSA C22.2 No. 950 File No. LR41062C Embedded Power for Business-Critical Continuity Specifications All specifications are typical at nominal input, full load at 25C unless otherwise stated. Rev.03.08.07 bxa40s 2 of 4 OUTPUT SPECIFICATIONS Voltage adjustability Line regulation Load regulation Ripple and noise (20 MHz bandwidth) Low line to high line Full load to no load 2.9 V and 3.3 V 5V 12 V All models 10% 0.3% 1.0% 30 mV pk-pk 50 mV pk-pk 100 mV pk-pk 20 mV rms 0.02%/C (See Note 9) (See Note 10) 25% to 100% load (See Note 11) 135% Vout Continuous 4.0% EMC CHARACTERISTICS Conducted emissions Radiated emissions ESD air ESD contact Surge Fast transients Radiated immunity Conducted immunity GENERAL SPECIFICATIONS Efficiency Isolation voltage Switching frequency 1.0% 5 V, 2.0% 12 V Compensated line drops up to 0.5 V on 5 V models Compensated line drop up to 300 mV on 2.9 V and 3.3 V models Approvals and standards Case material Material flammability Weight 24 Vin nominal 48 Vin nominal 18-36 Vdc 36-75 Vdc (See Note 5) 48 V 5 V/ms ETS300-132 30 ms typ. CMOS/TTL Open-circuit <1 Vdc Thermal impedance (See Note 6) MTBF Size ENVIRONMENTAL SPECIFICATIONS Thermal performance Baseplate operating temperature Non-operating -40 C to +105 C -55 C to +105 C 8.5 C/W 7.2 C/W MIL-HDBK-217F Input/output Input/case Fixed See table 1500 Vdc 1500 Vdc 350 kHz typ. EN60950, UL1950 CSA C22.2 No. 950 Aluminum substrate with plastic case UL94V-0 85 g (3.0 oz) 500,000 hours 2.2 x 2.2 x 0.5 inches 55.9 x 55.9 x 12.7 mm EN55022, FCC part 15, (See Notes 4 and 13) EN55022, FCC part 15 EN61000-4-2, level 3 EN61000-4-2, level 4 EN61000-4-5, level 3 EN61000-4-4, level 3 EN61000-4-3, level 3 EN61000-4-6, level 3 Level B Level A Perf. criteria 1 Perf. criteria 1 Perf. criteria 1 Perf. criteria 1 Perf. criteria 1 Perf. criteria 1 Temperature coefficient Overvoltage protection Short circuit protection Transient response Voltage accuracy Remote sense (See Note 8) INPUT SPECIFICATIONS Input voltage range Reverse voltage protection Max. input rise and fall time Start-up time Remote ON/OFF Logic compatibility ON OFF No air flow, no heatsink No air flow, with heatsink Embedded Power for Business-Critical Continuity Specifications Contd. Rev.03.08.07 bxa40s 3 of 4 INPUT VOLTAGE 18-36 Vdc 18-36 Vdc 36-75 Vdc 36-75 Vdc 36-75 Vdc OUTPUT VOLTAGE 3.3 V 5V 2.9 V 5V 12 V OUTPUT CURRENT (MAX.) 7A 8A 6.9 A 8.0 A 3.3 A INPUT CURRENT (1) 70 mA 40 mA 40 mA 30 mA 30 mA TYPICAL EFFICIENCY 75% 81% 77% 82% 87% REGULATION LINE (2) LOAD (3) 0.3% 0.3% 0.3% 0.3% 0.3% 1.0% 1.0% 1.0% 1.0% 1.0% MODEL NUMBER (12,14,15) BXA40-24S3V3-SMJ (8) BXA40-24S05-MJ (8) BXA40-48S2V9-SMJ (8) BXA40-48S05-MJ (8) BXA40-48S12-MJ Notes 1 2 3 4 5 6 Nominal line, at no load. Low line to high line at full load. Full load to no-load at nominal line. For conducted noise operation of the BXA40 to VDE0871, VDE0878 and EN55022 level B, see BXA40 Design Note 101. Reverse voltage protection can be implemented by putting a slow blow fuse on the positive input rail. Rate the fuse at 200 Vdc,1.5 A for 48 Vdc inputs and 100 V, 4.5 A for 24 Vdc input units. The maximum operating ambient temperature, without derating depends on internal power dissipation and hence efficiency and cooling method. Download BXA40 Design Note 101 which provides detailed thermal calculations and design-in hints from the Artesyn website. Do not exceed a dv/dt rate of 100 V per second at the trim pin input if output current is less than 0.4% lo max. Remote sense is offered as standard on the 2.9 V and 3.3 V products. The BXA40-24S05J and BXA40-48S05J come with remote sense as an option. Remote sense design is designated by the suffix `-S' e.g. BXA40-48S05-SMJ (for units with metric inserts), BXA40-48S05-SJ (for units with imperial inserts). For models without remote sense option, pin 5 and pin 6 are absent. 9 10 11 12 Overvoltage protection is 118% on 3.3 V output model. For 2.9 V output, no short circuit protection above 90 C baseplate temp. Transient response, 25% to 100% load, 10% for 2.9 V and 3.3 V models. Units with the suffix `-M' at the end of the model number are offered as standard with metric threaded inserts (M3). To order units with imperial threaded inserts (4-40 UNC) please remove the suffix `-M' from the model number. These inserts are used for bolting the unit to a PCB and/or fixing heatsinks. 13 An external filter capacitor is necessary for safe operation of the 24 V input models. It is also suggested that an external filter capacitor be used on the 48 V input models. A 4 F (or greater) film capacitor such as: ITW Paktron Capstick series, part number 405K100CS4 4 F/100 V is recommended, if filtering is not used. See BXA40 Design Note 101. 14 The `J' suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. 15 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative. 7 8 PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 6 7 8 9 SINGLE OUTPUT + Input - Input Control No Connection - Sense (8) EXTERNAL OUTPUT TRIMMING Output can be externally trimmed by 10% using either method shown below. 7 7 TRIM DOWN 9 + Sense (8) 8 TRIM UP RT1 9 OR RT2 10K TRIMPOT 8 + Output Common Trim Embedded Power for Business-Critical Continuity Rev.03.08.07 bxa40s 4 of 4 Americas 0.15 (3.82) 1.90 (48.26) 1.25 (31.76) 0.60 (15.24) 0.2 (5.08) 0.019 (0.50) 5810 Van Allen Way Carlsbad, CA 92008 USA Telephone: +1 760 930 4600 Facsimile: +1 760 930 0698 Europe (UK) 3 0.043 0.003(1.02 0.05) Diameter Typ. 1.90 (48.26) 2 1 Metric (Suffix '-M'): M3 Tap Thru. 4 places or Imperial (No '-M' suffix) 440 UNC (Optional) 0.256 (6.50) Diameter Stand-off (4 Places) 9 8 7 6 5 4 0.2 (5.08) 1.80 (45.72) 2.20 0.02 (55.90 0.50) Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX United Kingdom Telephone: +44 (0) 1384 842 211 Facsimile: +44 (0) 1384 843 355 Asia (HK) 16th - 17th Floors, Lu Plaza 2 Wing Yip Street, Kwun Tong Kowloon, Hong Kong Telephone: +852 2176 3333 Facsimile: +852 2176 3888 0.50 (12.70) 0.15 (3.90) 0.3 (7.62) 0.1 (2.54) 0.05 (1.27) 0.15 (3.82) 0.6 (15.24) 0.8 0.5 (20.32) (12.70) 2.20 0.02 (55.90 0.50) For global contact, visit: www.powerconversion.com technicalsupport@powerconversion.com While every precaution has been taken to ensure accuracy and completeness in this literature, Emerson Network Power assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions. BOTTOM VIEW ALL DIMENSIONS IN INCHES (mm) TOLERANCE : 0.004 (0.1) (Unless otherwise specified) Emerson Network Power. The global leader in enabling business-critical continuity. AC Power Connectivity DC Power Embedded Power Inbound Power Integrated Cabinet Solutions Outside Plant Precision Cooling Site Monitoring and Services EmersonNetworkPower. com Emerson Network Power and the Emerson Network Power logo are trademarks and service marks of Emerson Electric Co. (c)2007 Emerson Electric Co. |
Price & Availability of BXA40-48S05-MJ
![]() |