Part Number Hot Search : 
BF966S 3266P102 G2SB20 LV162 1010S MT5C6408 12015 AK536
Product Description
Full Text Search
 

To Download BXA10-12D05J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Embedded Power for Business-Critical Continuity
BXA10 Series
Single and dual output
Total Power: 8 - 10W Input Voltage: 9 - 18VDC 18 - 75VDC # of Outputs: Single
Rev.03.07.07 bxa10 1 of 4
Special Features
* 1 x 2 x 0.395 inch package with stand-offs * 13.3 Watts/in3 power density * CISPR22 and EN55022 conducted emission level A * UL, CSA and VDE approvals (48V input only) * Continuous short circuit protection * Optional remote ON/OFF * Available RoHS compliant * 2 year warranty
The BXA10 series of dc-dc converters, comprising 7 different models, is designed for a wide range of applications including communications, industrial systems and mobile battery powered systems. Packing up to 10 Watts of power into a 2 x 1 x 0.395 inch package, with efficiencies as high as 85%, the BXA10 has wide input ranges of 9 Vdc to 18 Vdc and 18 Vdc to 75 Vdc, and is available in single and dual output versions. Isolation of 1500 Vdc, approval to EN60950 2nd edition, coupled with reduced conducted noise for simplified compliance to FCC Part 15 level A and EN55022 level A, make the BXA10 ideal for telecommunications and distributed power applications. Other features include overvoltage protection, continuous short circuit protection with automatic recovery and remote on/off, all of which minimize the need for external circuitry and make the BXA10 a recommended component in distributed power systems.
Safety
VDE0805/EN60950/IEC950 File No. 10401-3336-0084 Licence No. 1812 UL1950 File No. E174104 CSA C22.2 No. 950 File No. LR41062C
Embedded Power for Business-Critical Continuity
Specifications
All specifications are typical at nominal input, full load at 25C unless otherwise stated.
Rev.03.07.07 bxa10 2 of 4
OUTPUT SPECIFICATIONS Line regulation Load regulation Minimum load Overshoot Ripple and noise (See Note 2) Transient response LL to HL, single output LL to HL, dual output 10% to 100% FL (See Note 4) 48 V models 12 V models At start-up 5 Hz to 20 MHz 25% load step 0.2% 0.2% 0.5%
EMC CHARACTERISTICS Conducted emissions ESD air ESD contact Surge Fast transients Radiated immunity Conducted immunity GENERAL SPECIFICATIONS Efficiency Isolation voltage Switching frequency Approvals and standards Case material Material flammability Weight 12 Vdc (See Note 6) 48 Vdc 9-18 Vdc 18-75 Vdc Pi type Resistive load 1.5 A max. Open collector compatible High impedance >400 k Low impedance <1.0 k <1.5 mA 1.6 s, max. Relative humidity Altitude Vibration MTBF MIL-HDBK-217F Bellcore Input/output Input or output to case Fixed Safety See table 1500 Vdc 1000 Vdc 400 kHz VDE0805, EN60950, IEC950 UL1950, CSA C22.2 No. 950 Black coated, six-sided metal case UL94V-0 20 g (0.71 oz) 519,000 hours >2 million hours EN55022, FCC (See Note 8) EN61000-4-2, level 2 EN61000-4-2, level 3 EN61000-4-5, level 2 EN61000-4-4, level 2 EN61000-4-3, level 3 EN61000-4-6, level 3 Level A Perf. criteria 1 Perf. criteria 1 Perf. criteria 1 Perf. criteria 1 Perf. criteria 1 Perf. criteria 1
10% full load No minimum load 10% max. 100 mV pk-pk, max. 20 mV rms 2.0% max. dev., 250 s recovery to within 1.0% 0.02%/C max.
Temperature coefficient Overvoltage protection Short circuit protection INPUT SPECIFICATIONS Input voltage range Input filter Start up surge current Remote ON/OFF ON (See Note 3) OFF OFF idle current Start-up time Clamp type Hiccup
See table Continuous automatic recovery
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient -25 C to +71 C (See derating curve) Non-operating amb. -55 C to +125 C Case +110 C max. Derating See derating curve Cooling Free air convection cooled Non-condensing Operating Non operating 5-500 MHz 5% to 95% RH 10,000 feet max. 40,000 feet max. 2.5 G rms (approx.)
Embedded Power for Business-Critical Continuity
Specifications Contd.
Rev.03.07.07 bxa10 3 of 4
INPUT VOLTAGE 9-18 Vdc 9-18 Vdc 9-18 Vdc 18-75 Vdc 18-75 Vdc 18-75 Vdc 18-75 Vdc
OUTPUT VOLTAGE 5V 15 V 5 V 5V 5 V 12 V 15 V
OUTPUT CURRENT 2A 0.67 A 1 A 2A 1 A 0.416 A 0.333 A
INPUT CURRENT 1.1 A 1.05 A 1.05 A 0.26 A 0.26 A 0.25 A 0.25 A
(1)
TYPICAL OVP EFFICIENCY 81% 85% 81% 82% 82% 84% 84% 6.2 Vdc 18 Vdc 12 Vdc 6.8 Vdc 12 Vdc 30 Vdc 36 Vdc
REGULATION (Typ.) LINE 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% 0.2% LOAD 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5%
MODEL NUMBER (3,9,10) BXA10-12S05J BXA10-12S15J BXA10-12D05J BXA10-48S05J BXA10-48D05J BXA10-48D12J BXA10-48D15J
Notes
1 2 3 4 5 6 7 8 At nominal input and output voltage and maximum load. Output ripple can be reduced to <50 mV with the addition of a 33 F, 25 V, AVX-TPS (or equivalent) tantalum capacitor. Consult factory for further information. For units with optional remote ON/OFF, please add the suffix `-S' to the model number: e.g. BXA10-48S05-SJ. Maximum open pin voltage 14 Vdc. Assumes balanced loads on dual output models. High impedance source/long input power cable may necessitate the introduction of an input filter. Typical 9 Vdc to 18 Vdc model start-up voltage is 9 V. Maximum start-up voltage is 9.5 V (>0 C) or 9.7 V (<0 C). It is recommended that an IEC127, 250 V, fast blow fuse is used rated at 4 A for nominal 12 V models and 2 A for 48 V models. To achieve compliance to EN55022-A and FCC part 15 Class A, external capacitors of the following values are needed: Model BXA10-12xxxx BXA10-48xxxx C1* 10 F film, 25 V 10 F film, 100 V C2 0.22 F film 0.22 F film C3 0.22 F film 0.22 F film
Please check with your local representative or the Model Search Tool for the latest available product codes.
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 6* SINGLE OUTPUT +Vin - Vin + Vout No Pin - Vout Remote ON/OFF DUAL OUTPUT + Vin - Vin + Vout Common - Vout Remote ON/OFF
(C2, C3 voltage rating application dependent) * Siemens P.N. B32512-J1106-J or equivalent. 9 The `J' suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. 10 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative.
* Optional remote ON/OFF pin. Add Suffix `-S' to the model number (Note 3).
+ Input
C1
BXA10
Input Return C2 C3
Ground Plane
Embedded Power for Business-Critical Continuity
Rev.03.07.07 bxa10 4 of 4
0.1 (2.5) 0.4 (10.2) 0.4 (10.2)
Americas
0.020 (0.5)
0.040 Dia. (1.0)
5810 Van Allen Way Carlsbad, CA 92008 USA Telephone: +1 760 930 4600 Facsimile: +1 760 930 0698
Europe (UK)
3
2.0 (50.8) 0.8 (20.4)
4
5
BOTTOMVIEW BOTTOM VIEW
1 2 6
0.6 (15.2)
Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX United Kingdom Telephone: +44 (0) 1384 842 211 Facsimile: +44 (0) 1384 843 355
Asia (HK)
0.4 (10.2) 0.2 (5.1) 1.00 (25.4) 0.3 (7.6) 0.395 (10.03) max.
0.135 0.010 (3.4 0.2)
16th - 17th Floors, Lu Plaza 2 Wing Yip Street, Kwun Tong Kowloon, Hong Kong Telephone: +852 2176 3333 Facsimile: +852 2176 3888
ALL DIMENSIONS IN INCHES (mm)
For global contact, visit:
Mechanical Notes
A Recommended PCB hole diameter is 0.052 inches (1.32 mm). B All pins are in true position within 0.010 inches (0.25 mm). C Tolerance (inches): .XX = 0.02 XXX = 0.005
www.powerconversion.com technicalsupport@powerconversion.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Emerson Network Power assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
DERATING CURVE
Output Power (Watts)
Emerson Network Power. The global leader in enabling business-critical continuity.
71C
AC Power Connectivity DC Power Embedded Power Inbound Power
110C
100%
Output Power (%)
0%
Integrated Cabinet Solutions Outside Plant Precision Cooling Site Monitoring and Services EmersonNetworkPower. com
Emerson Network Power and the Emerson Network Power logo are trademarks and service marks of Emerson Electric Co. (c)2007 Emerson Electric Co.
-25C
0C 20C
40C 60C 80C 100C 120 C
Ambient Temperature (C)


▲Up To Search▲   

 
Price & Availability of BXA10-12D05J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X