Part Number Hot Search : 
74HCT4 TEW5111 N5399 PLT133 SI7772DP BC2004 PS9531L2 IS24C64
Product Description
Full Text Search
 

To Download BCX70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN General Purpose Transistors BCX70 series
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors IC
Unit: mm
Features
+0.1 2.4-0.1
Low current (max. 100 mA). Low voltage (max. 45 V).
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Peak base current Collector dissipation Junction temperature Storage temperature Operating ambient temperature Thermal resistance from junction to ambient * * Transistor mounted on an FR4 printed-circuit board. Symbol VCBO VCEO VEBO IC ICM IBM PC Tj Tstg Tamb Rth(j-a) Rating 45 45 5 100 200 200 250 150 -65 to +150 -65 to +150 500 K/W Unit V V V mA mA mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
BCX70 series
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current BCX70G BCX70H BCX70J BCX70K BCX70G DC current gain BCX70H BCX70J BCX70K BCX70G DC current gain BCX70H BCX70J BCX70K Collector-emitter saturation voltage VCE(sat) IC = 10 mA; IB =0.25 mA IC = 50mA; IB = 1.25 mA Base to emitter saturation voltage Base to emitter voltage Collector capacitance Emitter capacitance Transition frequency * Noise figure * Pulse test: tp 300 is; d 0.02. VBE(sat) VBE CC Ce fT NF IC = 10 mA; IB =0.25 mA IC = 50mA; IB = 1.25 mA IC = 2 mA; VCE = 5 V IE = ie = 0; VCB = 10 V; f = 1 MHz IC = ic = 0; VEB = 0.5 V; f = 1 MHz IC = 10 mA; VCE = 5 V; f = 100 MHz IC = 200 iA; VCE = 5 V; RS = 2 kU; f = 1 kHz; B = 200 Hz 100 hFE IC = 50 mA; VCE = 1 V hFE IC = 2 mA; VCE = 5 V hFE IC = 10 iA; VCE = 5 V 40 30 100 120 180 250 380 50 70 90 100 50 100 600 700 550 Symbol ICBO ICBO IEBO Testconditons IE = 0; VCB = 45 V IE = 0; VCB = 45 V; Tj = 150 IC = 0; VEB = 4 V Min
Transistors IC
Typ
Max 20 20 20
Unit nA iA nA
220 310 460 630
350 550 850 1050 650 1.7 11 250 2 6 750
mV mV mV mV mV pF pF MHz dB
hFE Classification
Type Number Marking BCX70G AG BCX70H AH BCX70J AJ BCX70K AK
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BCX70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X