Part Number Hot Search : 
TLP16 B89P8 ADM207 SZ156I RU4AM HL2205 CMKT3946 LPC2132
Product Description
Full Text Search
 

To Download BCW69 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
PNP General Purpose Transistors BCW69,BCW70
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors IC
Unit: mm
+0.1 2.4-0.1
Low current (max. 100 mA). Low voltage (max. 45 V).
1
+0.1 0.95-0.1 +0.1 1.9-0.1
+0.1 1.3-0.1
Features
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Peak base current Total power dissipation Storage temperature Junction temperature Operating ambient temperature Thermal resistance from junction to ambient * * Transistor mounted on an FR4 printed-circuit board. Symbol VCBO VCEO VEBO IC ICM IBM Ptot Tstg Tj Ramb Rth j-a Rating -50 -45 -5 -100 -200 -200 250 -65 to +150 150 -65 to +150 500 K/W Unit V V V mA mA mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
BCW69,BCW70
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain BCW69 BCW70 DC current gain BCW69 BCW70 Collector-emitter saturation voltage VCE(sat) IC = -10 mA; IB = -0.5 mA IC = -50 mA; IB = -2.5 mA * Base to emitter saturation voltage Base to emitter voltage Collector capacitance Transition frequency Noise figure * Pulse test: tp 300 is; d 0.02. VBE(sat) VBE CC fT NF IC = -10 mA; IB = -0.5 mA IC = -50 mA; IB = -2.5 mA * IC = -2 mA; VCE = -5 V IE = ie = 0; VCB = -10 V; f = 1 MHz IC = -10 mA; VCE = -5 V; f = 100 MHz IC = -200 iA; VCE = -5 V; RS = 2 kU; f = 1 kHz; B = 200 Hz hFE IC = -2 mA; VCE = -5 V Symbol ICBO ICBO IEBO hFE Testconditons IE = 0; VCB = -20 V IE = 0; VCB = -20 V; Tj = 100 IC = 0; VEB = -5 V IC = -10 iA; VCE = -5 V
Transistors IC
Min
Typ
Max -100 -10 -100
Unit nA iA nA
90 150 120 215 -80 -150 -720 -810 -600 4.5 100 10 -750 260 500 mV mV mV mV mV pF MHz dB
hFE Classification
TYPE Marking BCW69 H1 BCW70 H2
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BCW69

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X