Part Number Hot Search : 
CXG1040T 100HS FAN8620B MSC82003 FR09E 8C110MGR SG6520 MIC706R
Product Description
Full Text Search
 

To Download BC141-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BC141-16
GENERAL PURPOSE TRANSISTOR
DESCRIPTION The BC141-16 is a silicon Planar Epitaxial NPN transistor in Jedec TO-39 metal case. It is particularly designed for audio amplifiers and switching application up to 1A. The complementary PNP type is the BC161-16.
TO-39
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC IB P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Base Current Total Dissipation at T amb 25 o C at T C 25 o C Storage Temperature Max. Operating Junction Temperature Value 100 60 7 1 0.1 0.65 3.7 -55 to 175 175 Unit V V V A A W W
o o
C C 1/5
January 2003
BC141-16
THERMAL DATA
R thj-case R thj-amb Thermal Resistance Junction-Case Max Thermal Resistance Junction-Ambient 35 200 Max
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CES Parameter Collector Cut-off Current (V BE = 0) Test Conditions V CE = 60 V V CE = 60 V I C = 100 A T C = 150 o C 100 Min. Typ. Max. 100 100 Unit nA A V
V (BR)CBO Collector-Base Breakdown Voltage (I E = 0) V (BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V (BR)EBO Emitter-Base Breakdown Voltage (I C = 0) V CE(sat) Collector-Emitter Saturation Voltage Base-Emitter On Voltage DC Current Gain
I C = 30 mA
60
V
I E = 100 A
7
V
I C = 100 mA I C = 500 mA IC = 1 A IC = 1 A I C = 100 A I C = 100 mA IC = 1 A I C = 50 mA IE = 0
IB = 10 mA IB = 50 mA I B = 100 mA V CE = 1 V V CE = 1 V V CE = 1 V V CE = 1 V V CE = 10 V f = 1MHz
0.1 0.35 0.6 1.25 90 160 30
1 1.8
V V V V
V BE(on) h FE
100 50
250 MHz
fT C CBO t on t off
Transition Frequency Collector-Base Capacitance Turn-on Time Turn-off Time
V CB = 5 V
12
25 250 850
pF ns ns
I C = 100 mA I C = 100 mA
I B1 = 5 mA I B1 = I B2 = 5 mA
Pulsed: Pulse duration = 300 s, duty cycle 1 %
2/5
BC141-16
Collector-emitter Saturation Voltage. Base-emitter Voltage.
DC Curent Gain.
Transiition Frequency.
3/5
BC141-16
TO-39 MECHANICAL DATA
mm DIM. MIN. A B D E F G H I L 5.08 1.2 0.9 45o (typ.) 12.7 0.49 6.6 8.5 9.4 0.200 0.047 0.035 TYP. MAX. MIN. 0.500 0.019 0.260 0.334 0.370 TYP. MAX. inch
G I H
D
A
L
F
E
B
P008B
4/5
BC141-16
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of BC141-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X