Part Number Hot Search : 
C1005CH1 IRF3205 5B050 EP2600TS 374543 ADC316 ELM406 2SC3995
Product Description
Full Text Search
 

To Download BAT754L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Schottky Barrier Triple Diode BAT754L
Diodes
SOT-363
+0.1 1.3-0.1 0.65
Unit: mm
Features
Very low forward voltage Guard ring protected Low diode capacitance Three independent diodes in a small plastic SMD package.
0.1max
+0.1 0.3-0.1 +0.1 2.1-0.1
+0.15 2.3-0.15
0.525
0.36
+0.05 0.1-0.02
Absolute Maximum Ratings Ta = 25
Parameter Per diode continuous reverse voltage continuous forward current repetitive peak forward current non-repetitive peak forward current storage temperature junction temperature operating ambient temperature thermal resistance from junction to ambient VR IF IFRM IFSM Tstg Tj Tamb Rth j-a -65 tp 1 s; a 0.5 30 200 300 600 -65 +150 125 +125 416 K/W V mA mA mA Symbol Conditions Min Max Unit
tp < 10 ms
E le c tric a l C h a ra c te ris tic s T a = 2 5
P a ra m e te r S ym bol C o n d itio n s IF = 0 .1 m A IF = 1 m A fo rw a rd v o lta g e VF IF = 1 0 m A IF = 3 0 m A IF = 1 0 0 m A re v e rs e c u rre n t d io d e c a p a c ita n c e N o te 1 . P u ls e te s t: tp = 3 0 0 s ; a = 0 .0 2 . IR Cd V R = 2 5 V ; n o te 1 f = 1 M H z; V R = 1 V M ax 200 260 340 420 750 2 10 A pF mV U n it
Marking
Marking L1
+0.05 0.95-0.05
+0.1 1.25-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BAT754L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X