Part Number Hot Search : 
P6KE2 0M5KB 298100 BYT230P SMAL7 S05A80PT TDA749 M4001
Product Description
Full Text Search
 

To Download BAS28506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS285
Vishay Semiconductors
Small Signal Schottky Diode
Features
* Integrated protection ring against static discharge e2 * Very low forward voltage * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
9612009
Applications
* Applications where a very low forward voltage is required
Mechanical Data
Case: QuadroMELF Glass case SOD80 Weight: approx. 34 mg Cathode Band Color: Black Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Part BAS285 Type differentiation VR = 30 V Ordering code BAS285-GS18 or BAS285-GS08 Remarks Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Peak forward surge current Repetitive peak forward current Forward current Average forward current tp = 10 ms tp 1 s Test condition Symbol VR IFSM IFRM IF IFAV Value 30 5 300 200 200 Unit V A mA mA mA
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Junction to ambient air Junction temperature Storage temperature range Test condition on PC board 50 mm x 50 mm x 1.6 mm Symbol RthJA Tj Tstg Value 320 125 - 65 to + 150 Unit K/W C C
Document Number 85501 Rev. 1.7, 17-Mar-06
www.vishay.com 1
BAS285
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Forward voltage Test condition IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 30 mA IF = 100 mA Reverse current Diode capacitance VR = 25 V, tp = 300 s VR = 1 V, f = 1 MHz Symbol VF VF VF VF VF IR CD Min Typ. Max 240 320 400 500 800 2.3 10 Unit mV mV mV mV mV A pF
Typical Characteristics
Tamb = 25 C, unless otherwise specified
PR - Reverse Power Dissipation (mW)
200 180 160 140 120 100 80 60 40 20 0 25 50 75 100 125 150 PR - Limit at 80 % VR RthJA = 540 kW PR - Limit at 100 % VR VR = 30 V
1000 Tj = 150 C
IF - Forward Current (A)
100 Tj = 25 C 10
1
0.1 0
15824
0.5
1.0
1.5
15822
Tj - Junction Temperature (C)
VF - Forward Voltage (V)
Figure 1. Max. Reverse Power Dissipation vs. Junction Temperature
Figure 3. Forward Current vs. Forward Voltage
1000 VR = VRRM 100
10
CD - Diode Capacitance (pF)
9 8 7 6 5 4 3 2 1
f = 1 MHz
IR - Reverse Current (A)
10
1 25
15823
0 50 75 100 125 150
15825
0.1
1
10
100
Tj - Junction Temperature (C)
VR - Reverse Voltage (V)
Figure 2. Reverse Current vs. Junction Temperature
Figure 4. Diode Capacitance vs. Reverse Voltage
www.vishay.com 2
Document Number 85501 Rev. 1.7, 17-Mar-06
BAS285
Vishay Semiconductors Package Dimensions in mm (Inches)
12071
Document Number 85501 Rev. 1.7, 17-Mar-06
www.vishay.com 3
BAS285
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85501 Rev. 1.7, 17-Mar-06
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BAS28506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X