Part Number Hot Search : 
NC7S86 0YR10MNC LT117510 T1100 AFL05290 DM8093 BA895 A4810
Product Description
Full Text Search
 

To Download BA595 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon PIN Diode BA595
Diodes
SOD-323
+0.1 1.7-0.1
Unit: mm
Current-controlled RF resistor for switching and attenuating applications Frequency range 1 MHz ... 2 GHz Especially useful as antenna switch in TV-sat tuners Very low harmonics
+0.05 0.1-0.02 +0.1 2.6-0.1
1.0max
0.475
0.375
A b s o lu te M a x im u m R a tin g s T a = 2 5
P a ra m e te r D io d e re v e rs e v o lta g e F o rw a rd c u rre n t J u n c tio n te m p e ra tu re O p e ra tin g te m p e ra tu re ra n g e S to ra g e te m p e ra tu re J u n c tio n - s o ld e rin g p o in t N o te 1 . F o r c a lc u la tio n o f R th J A p le a s e re fe r to A p p lic a tio n N o te T h e rm a l R e s is ta n c e
1)
S ym bol VR IF Tj T op T s tg R th J S
V a lu e 50 50 150 -5 5 to + 1 2 5 -5 5 to + 1 5 0 370
U n it V mA
K /W
Electrical Characteristics Ta = 25
Parameter Reverse current Forward voltage Diode capacitance Symbol IR VF CT Conditions VR = 30 V IF = 50 mA VR = 0 V, f = 100 MHz VR = 10 V, f = 1 MHz Reverse parallel resistance RP VR = 1 V, f = 100 MHz VR = 0 V, f = 1 GHz Forward resistance rf IF = 1.5 mA, f = 100 MHz IF = 10 mA, f = 100 MHz Charge carrier life time I-region width IF = 10 mA, IR = 6 mA, measured at
rr
Min
Typ
Max 20 1.1
Unit nA V pF
0.26 0.22 50 10 22 4.5 1600 130
0.4 0.6
K 40 7 ns m
IR = 3 mA , RL = 100 WI
Marking
Marking R
+0.1 1.3-0.1
Features
+0.05 0.3-0.05
+0.05 0.85-0.05
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of BA595

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X