Part Number Hot Search : 
MA6014 HCF4010 8124E 45985 C16LF SAM9G R10N2 MAX984
Product Description
Full Text Search
 

To Download AT90S8535 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AVR-P40B-8535 PROTOTYPE BOARD WITH 10 PIN ICSP CONNECTOR FOR AT90S8535 AVR MICROCONTROLLERS
Features: AVR-P40B-8535 is prototype board for AT90S8535 AVR microcontrollers with following features: - RS232 Tx, Rx interface with MAX232 IC - ICSP 10 pin connector (STK compatible) - RESET IC ZM33064C - Status LED connected to PB0 via removable jumper - 4MHz, 8MHz quartz oscillator - extension slot on each microcontroller pin - DIL40 microcontroller socket - AGND-GND and AVCC-VCC jumpers - power supply plug in jack connector - +5V power supply voltage regulator - 0.1" (2.54 mm) grid - dimensions: 100x80 mm - four mounting holes Lanconelli and the latest release may be download for free from http://www.lancos.com The parallel port ICSP programmer (AVRPG2B) works with AVR ISP from Atmel and may be download for free from Atmel's web site. ICSP interface: The ICSP connector is 2x5 pin with 0,1" step and Atmel STKxxx compatible layout. The PIN.1 is marked with square pad on bottom and arrow on top. ICSP signals are: 1- MOSI, 2- VCC, 3- NC, 4- GND, 5- RST, 6- GND, 7- SCK, 8- GND, 9MISO, 10- GND TOP view PCB board layout:
RS232 interface: J1 removable jumper selects where RTS/DTR line to be connected. In position 12 the line is connected to RTS, in position 23 is connected to DTR. Status LED: Connected to PB0 via removable jumper. Oscillator circuit: Crystal resonator connected to XTAL1 and XTAL2. Analog VCC and GND: J2 connects AVCC to VCC. J3 connects AGND to GND. RESET supervisor circuit: IC ZM33064C with 4.6V threshold. Programming: To program AVR-P40B-8535 you need serial port or parallel port AVR-ICSP programmer dongle (Olimex part # AVR-PG1B or AVRPG2B). The serial port ICSP programmer (AVR-PG1B) works with PonyProg software by from Claudio Supported devices: AT90S8535 and AT90S4434 microcontrollers. Ordering codes: AVR-P40B-8535-4Mhz - assembled and tested AVR-P40B-8535-8MHz - assembled and tested AVR-P40B-8535/PCB - only PCB
Copyright(c) 2002, OLIMEX Ltd, All rights reserved. Development boards for PIC, AVR and MSP430 microcontrollers http://www.olimex.com/dev


▲Up To Search▲   

 
Price & Availability of AT90S8535

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X