Part Number Hot Search : 
MAX6634 10007 PIC18F86 0830776 SNC26300 20221 HMC499 KI1400DL
Product Description
Full Text Search
 

To Download APTM120UM95F-ALN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM120UM95F-ALN
Single Switch MOSFET Power Module
SK S D
VDSS = 1200V RDSon = 95m max @ Tj = 25C ID = 103A @ Tc = 25C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Power MOS 7(R) FREDFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Fast intrinsic reverse diode - Avalanche energy rated - Very rugged * Kelvin source for easy drive * Very low stray inductance - Symmetrical design - M5 power connectors * High level of integration * AlN substrate for improved thermal performance Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Low profile
G
DK
DK
S
D
SK G
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS
Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C
mJ
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-6
APTM120UM95F-ALN Rev 0
July, 2004
Tc = 25C
Max ratings 1200 103 77 412 30 95 2272 25 50 3000
Unit V A V m W A
APTM120UM95F-ALN
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol BVDSS IDSS RDS(on) VGS(th) IGSS Characteristic Drain - Source Breakdown Voltage Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions VGS = 0V, ID = 2mA Min 1200
VGS = 0V,VDS = 1200V VGS = 0V,VDS = 1000V T j = 25C T j = 125C
Typ
Max 0.6 3 95 5 500
Unit V mA m V nA
VGS = 10V, ID = 51.5A VGS = VDS, ID = 15mA VGS = 30 V, VDS = 0V
3
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 600V ID = 103A Inductive switching @ 125C VGS = 15V VBus = 800V ID = 103A R G =0.8 Inductive switching @ 25C VGS = 15V, VBus = 800V ID = 103A, R G = 0.8 Inductive switching @ 125C VGS = 15V, VBus = 800V ID = 103A, R G = 0.8
Min
Typ 30.9 4.6 0.78 1122 144 720 20 15 160 45 5.9 4.1 9.4 5.14
Max
Unit nF
nC
ns
mJ
mJ
Source - Drain diode ratings and characteristics
Symbol IS VSD dv/dt trr Qrr Characteristic Continuous Source current (Body diode) Diode Forward Voltage Peak Diode Recovery Reverse Recovery Time Reverse Recovery Charge
Test Conditions
Min
Typ
Tc = 25C Tc = 80C VGS = 0V, IS = - 103A IS = - 103A VR = 600V diS/dt = 600A/s IS = - 103A VR = 600V diS/dt = 600A/s Tj = 25C Tj = 125C Tj = 25C Tj = 125C 12 42
Max 103 77 1.3 18 320 650
Unit A V V/ns ns C
July, 2004 2-6 APTM120UM95F-ALN Rev 0
Eon includes diode reverse recovery. In accordance with JEDEC standard JESD24-1. dv/dt numbers reflect the limitations of the circuit rather than the device itself. IS - 103A di/dt 700A/s VR VDSS Tj 150C
APT website - http://www.advancedpower.com
APTM120UM95F-ALN
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 2500 -40 -40 -40 3 2
Typ
Max 0.055 150 125 100 5 3.5 280
Unit C/W V C N.m g
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5
Package outline
APT website - http://www.advancedpower.com
3-6
APTM120UM95F-ALN Rev 0
July, 2004
APTM120UM95F-ALN
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.06 Thermal Impedance (C/W) 0.05 0.04 0.03 0.02 0.01 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10
0 0.00001
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 300
VGS =15, 10 & 8V
Transfert Characteristics 480 420 ID, Drain Current (A)
VDS > I D(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle
I D, Drain Current (A)
240 180 120 60 0 0 5 10 15 20
7V 6.5V
360 300 240 180 120 60 0 TJ=25C TJ=125C 0 1 2 3 4 5 6 TJ=-55C 7 8 9
6V
5.5V 5V
25
30
VDS, Drain to Source Voltage (V) RDS(on) vs Drain Current ID, DC Drain Current (A)
Normalized to VGS =10V @ 51.5A
VGS, Gate to Source Voltage (V) DC Drain Current vs Case Temperature 120 100 80 60 40 20 0
RDS(on) Drain to Source ON Resistance
1.4 1.3 1.2 1.1 1 0.9 0.8 0
VGS=10V VGS=20V
60
120
180
240
25
50
75
100
125
150
July, 2004 4-6 APTM120UM95F-ALN Rev 0
ID, Drain Current (A)
TC, Case Temperature (C)
APT website - http://www.advancedpower.com
APTM120UM95F-ALN
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.2 VGS(TH), Threshold Voltage (Normalized) I D, Drain Current (A) 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage VGS, Gate to Source Voltage (V) 100000 Ciss C, Capacitance (pF) 14 12 10 8 6 4 2 0 0 240 480 720 960 1200 1440
July, 2004
ON resistance vs Temperature 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area
VGS =10V ID=51.5A
1000
limited by RDS on
100s 1ms
100
10ms
10 Single pulse TJ =150C 1 1 1200 10 100 1000 VDS, Drain to Source Voltage (V)
Gate Charge vs Gate to Source Voltage ID=103A TJ=25C
VDS=240V V DS =600V VDS=960V
10000
Coss
1000
Crss
100 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
Gate Charge (nC)
APT website - http://www.advancedpower.com
5-6
APTM120UM95F-ALN Rev 0
APTM120UM95F-ALN
Delay Times vs Current 180 td(on) and td(off) (ns) 150 60
V DS=800V RG=0.8 T J=125C L=100H
Rise and Fall times vs Current 80
VDS=800V RG=0.8 T J=125C L=100H
t d(off)
tf
90 60 30 0 30
tr and tf (ns)
120
40 tr 20
td(on)
0 60 90 120 150 180 210 30 60 I D, Drain Current (A) Switching Energy vs Current 90 120 150 180 I D, Drain Current (A) 210
Switching Energy vs Gate Resistance
18 Switching Energy (mJ) Switching Energy (mJ) 15 12 9 6 3 0 30 60 90 120 150 180 210
ID, Drain Current (A) Operating Frequency vs Drain Current
VDS=800V RG=0.8 TJ=125C L=100H
20 Eon 16 12 8 4 0.0 1.2 2.4 3.6 4.8 6.0
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage
V DS=800V ID=103A T J=125C L=100H
Eoff
Eoff
Eon
200 Frequency (kHz)
ZCS
IDR, Reverse Drain Current (A)
250
1000 TJ=150C 100 TJ=25C
150 100 50 0 10 25 40 55 70 85 ID, Drain Current (A) 100
V DS=800V D=50% R G=0.8 T J=125C T C=75C ZVS
10
Hard switching
1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
July, 2004
VSD, Source to Drain Voltage (V)
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
6-6
APTM120UM95F-ALN Rev 0


▲Up To Search▲   

 
Price & Availability of APTM120UM95F-ALN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X