Part Number Hot Search : 
BD3150S 04150 D2136 102MP M67730L RT9605B CAT25 DMC16105
Product Description
Full Text Search
 

To Download AOZ8231 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 One-line Bi-directional TVS Diode
AOZ8231
General Description
The AOZ8231 is a one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD. This device incorporates one TVS diode in an ultra-small SOD923 package. It may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (15kV air, 8kV contact discharge). The AOZ8231 comes in an RoHS compliant SOD923 package and is rated over a -40C to +85C ambient temperature range. The ultra-small 1.0 x 0.6 x 0.4mm SOD923 package makes it ideal for applications where PCB space is a premium. The small size and high ESD protection makes it ideal for protecting voltage sensitive electronics from high transient conditions and ESD.
Features
ESD protection for high-speed data lines: - Exceeds: IEC 61000-4-2 (ESD) 24kV (air), 24kV (contact) - Human Body Model (HBM) 30kV - IEC 61000-4-5 (Lightning) 5A (8/20S) - IEC 61000-4-4 (EFT) 40A

Small package saves board space Low insertion loss Low clamping voltage Low operating voltage: 5.0V Pb-free device
Applications

Portable handheld devices Keypads, data lines, buttons Notebook computers Digital Cameras Portable GPS MP3 players
Typical Application
Pin Configuration
Signal Line
Bidirection Protection of Single Line
Rev. 1.9 October 2008
www.aosmd.com
Page 1 of 6
AOZ8231
Ordering Information
Part Number
AOZ8231NI-05L
Ambient Temperature Range
-40C to +85C
Package
SOD923
Environmental
RoHS Compliant Green Product
* All AOS products are offered in packages with Pb-free plating and compliant to RoHS standards. * Parts marked as Green Products (with "L" suffix) use reduced levels of Halogens, and are also RoHS compliant. Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the device.
Parameter
VP - VN Peak Pulse Current (IPP), tP = 8/20s Storage Temperature (TS) ESD Rating per IEC61000-4-2, Contact ESD Rating per IEC61000-4-2, ESD Rating per Human Body Air(1) Model(2)
(1)
Rating
5V 5A -65C to +150C 24kV 24kV 30kV
Notes: 1. IEC 61000-4-2 discharge with CDischarge = 150pF, RDischarge = 330. 2. Human Body Discharge per MIL-STD-883, Method 3015 CDischarge = 100pF, RDischarge = 1.5k.
Maximum Operating Ratings
Parameter
Junction Temperature (TJ)
Rating
-40C to +85C
Electrical Characteristics
TA = 25C unless otherwise specified.
Symbol
IPP VCL VRWM IR VBR
Parameter
Maximum Reverse Peak Pulse Current Clamping Voltage @ IPP Working Peak Reverse Voltage Maximum Reverse Leakage Current @ VRWM Breakdown Voltage @ IT
Symbol
IT IF VF Ppk CJ Test Current
Parameter
Forward Current Forward Voltage @ IF Peak Power Dissipation Max. Capacitance @ VR = 0 and f = 1MHz
Electrical Characteristics
TA = 25C unless otherwise noted, VF = 0.9V Max. @ IF = 10mA for all types
Device
AOZ8231NI-05L
Device Marking
HG
VRWM (V) Max.
5.0
VBR (V) Min.
6.0
IR (A) Max.
0.1
VF (V) Typ.
1.0
VCL Max. IPP = 1A
12.00
IPP = 5A
14.00
IPP = 12A
18.00
CJ (pF) Typ.
12
Rev. 1.9 October 2008
www.aosmd.com
Page 2 of 6
AOZ8231
Typical Performance Characteristics
Clamping Voltage vs. Peak Pulse Current
20
Clamping Voltage, VCL (V)
I/O - Gnd Insertion Loss (S21) vs. Frequency
(Vp = 3.3V) 5 0
Insertion Loss (dB)
(tperiod = 100ns, tr = 1ns)
18 16 14 12 10 8
-5 -10 -15 -20 -25
0
2
4
6
8
10
12
1
10
100 Frequency (MHz)
1000
10000
Peak Pulse Current, IPP (A)
Capacitance vs. Reverse Bias
13 12
Capacitance (pF)
11 10 9 8 7 6 0 1 2 3 4 5
Reverse Bias (Volts)
Rev. 1.9 October 2008
www.aosmd.com
Page 3 of 6
AOZ8231
Package Dimensions, SOD923
E1 Cathode Mark b D L
B
E
A
aaa
CAB
TOP VIEW
BOTTOM VIEW
View `C'
A
C Seating Plane c
A1
SIDE VIEW
VIEW `C'
RECOMMENDED LAND PATTERN
0.90
Dimensions in millimeters
Symbols A A1 b c D E E1 L aaa Min. -- 0.00 0.15 0.07 0.55 0.75 0.95 0.15 Nom. -- -- 0.20 0.12 0.60 0.80 1.00 0.20 0.08 Max. 0.41 0.05 0.25 0.14 0.65 0.85 1.05 0.25
Dimensions in inches
Symbols A A1 b c D E E1 L aaa Min. -- 0.00 0.006 0.003 0.022 0.030 0.037 0.006 Nom. -- -- 0.008 0.005 0.024 0.031 0.039 0.008 0.003 Max. 0.016 0.002 0.010 0.006 0.026 0.033 0.041 0.010
0.40
UNIT: mm
0.30
Notes: 1. All dimensions are in millimeters. 2. Dimensions are inclusive of plating. 3. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact. 4. The cathode mark is optional. 5. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 3 mils each.
Rev. 1.9 October 2008
www.aosmd.com
Page 4 of 6
AOZ8231
Tape and Reel Dimensions, SOD923
Tape
P1 P2 D0 D1 E1
B - B' Section
K0 Max 5
E2
E B0
P0 A0
Max 5
A - A' Section
UNIT: mm
Feeding Direction
Package SOD923
A0
B0
K0
D0
D1
E 8.0 0.2
E1 1.75 0.1
E2
P0
P1 4.0 0.1
P2
T
0.70 1.12 0.48 o1.50 o0.5 0.05 0.05 0.05 0.1 0.05
3.5 2.0 0.05 0.05
2.0 0.229 0.05 0.02
Reel
2xR6 60 30 W1 S1 S 2xR5 1.1 +0.1 -0 M o26.15 -0
+0.1
K N
K1
E
H H1 W
Back View
UNIT: mm
Arbor Hole Detail A
Barcode Label
Section: B - B'
Front View
Tape Size 8mm
Reel Size o180
M o177.7 0.5
N o54.4 0.5
W 8.8 0.5
W1 1.15
+0.2 / -0.0
H o13.2 0.3
H1 o15.8
K 10.4
K1 11.7
S
S1
E 2.8 0.1
2.3 4.9 0.1 0.1
Leader/Trailer and Orientation
Cathode
Trailer Tape 300mm min.
Rev. 1.9 October 2008
Components Tape Orientation in Pocket
Leader Tape 500mm min.
Page 5 of 6
www.aosmd.com
AOZ8231
Part Marking
GC
Product Number Code
Date Code
Alpha & Omega Semiconductor reserves the right to make changes at any time without notice. LIFE SUPPORT POLICY ALPHA & OMEGA SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Rev. 1.9 October 2008
www.aosmd.com
Page 6 of 6


▲Up To Search▲   

 
Price & Availability of AOZ8231

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X