Part Number Hot Search : 
PDTC144 X40626 X4166 J120CA B1006 NCP4303B UY1104B P1WTL
Product Description
Full Text Search
 

To Download ALP101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 revision for dwg # 1PB-ALP101
rev
-
ch.no.
-
description original design
39.90 mm [1.6 in]
date
11/21/2007
revised by Philipp E.
1.55 mm [.1 in]
n20.60 mm
[.8 in]
4x n4.75 mm [.2 in]
4.05 mm [.2 in]
unless otherwise specified: all dimensions are in millimeters third angle projection tolerance XX XX.X XX.XX ALL and is a confidential disclosurelent without consideration other than the borrower's agreement that it shall not be reproduced, copied, lent or disposed of directly or indirectly nor used for any purpose other than that for which it is specifically furnished.
This Drawing is the property of
R
titel
30 mm Actuator Lock Plate ALP101
11/21/2007 11/21/2007 11/21/2007
= = = =
1 mm 0.5 mm 0.2 mm - mm
M E T R I C
35 Royal Road Flemington, NJ 08822-6000 (908) 806-9400 Fax (908) 806-9490
drawn by: Philipp Ernstberger checked by: Laszlo Gyorgypal released by: Laszlo Gyorgypal
drawing no.:
55.30 mm [2.2 in]
rev.:
-
1PB-ALP101
scale:
-
sheet: 1
of: 1


▲Up To Search▲   

 
Price & Availability of ALP101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X