Part Number Hot Search : 
TA114 HER801T ISP1563 AANLA CX96420 54190 ISP1563 XC3030A
Product Description
Full Text Search
 

To Download ADMP401-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
4.72 mm x 3.76 mm x 1.0 mm surface mount package High SNR: 62 dBA High sensitivity: -37 dBV Flat frequency response from 100 Hz to over 12 kHz Low current consumption: <200 A Single-ended analog output High PSRR: >50 dB Compatible with Sn/Pb and Pb-free solder processes RoHS/WEEE compliant
Omnidirectional Microphone with Bottom Port and Analog Output ADMP401-1
GENERAL DESCRIPTION
The ADMP401-1 is a high quality, low cost, low power analog output bottom-ported omnidirectional MEMS microphone. The ADMP401-1 consists of a MEMS microphone element and an output amplifier. The ADMP401-1 has a high SNR and high sensitivity, making it an excellent choice for far field applications. The ADMP401-1 has a flat wideband frequency response resulting in natural sound with high intelligibility. Low current consumption enables long battery life for portable applications. A built-in particle filter provides for high reliability. The ADMP401-1 is available in a thin 4.72 mm x 3.76 mm x 1.0 mm surface mount package. The ADMP401-1 is reflow solder compatible with no sensitivity degradation.
APPLICATIONS
Cell phones PC audio Digital cameras Bluetooth headsets
FUNCTIONAL BLOCK DIAGRAM
MEMS ASIC
BUFFER MEMS SIGNAL
-
OUTPUT DRIVER OUTPUT
+
VDD GND
MEMBRANE BACKPLATE
REFERENCE VOLTAGE BIAS CURRENT MEMS VBIAS FILTER
CHARGE PUMP
GENERATOR
07712-001
Figure 1.
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2008 Analog Devices, Inc. All rights reserved.
ADMP401-1 TABLE OF CONTENTS
Features .............................................................................................. 1 Applications ....................................................................................... 1 General Description ......................................................................... 1 Functional Block Diagram .............................................................. 1 Specifications..................................................................................... 3 Absolute Maximum Ratings............................................................ 4 ESD Caution .................................................................................. 4 Pin Configuration and Function Descriptions ............................. 5
Preliminary Technical Data
Typical Performance Characteristics ..............................................6 Handling Instructions .......................................................................7 Pick-and-Place Equipment ..........................................................7 Reflow Solder .................................................................................7 Board Wash ....................................................................................7 Outline Dimensions ..........................................................................8 Ordering Guide .............................................................................8
Rev. PrB | Page 2 of 8
Preliminary Technical Data SPECIFICATIONS
ADMP401-1
TA = 25C, VDD = 1.8 V, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed. Table 1.
Parameter PERFORMANCE Directionality Sensitivity Signal-to-Noise Ratio Equivalent Input Noise Frequency Response Total Harmonic Distortion Power Supply Rejection Ratio Maximum Acoustic Input POWER SUPPLY Supply Voltage Supply Current OUTPUT CHARACTERISTICS Output Impedance Polarity
1
Symbol
Test Conditions/Comments
Min
Typ Omni -37 62 32 0 0
Max
Unit
1 kHz, 94 dB SPL SNR EIN 100 Hz to 10 kHz 100 Hz to 12 kHz 105 dB SPL 217 Hz, 100 mV p-p square wave superimposed on VDD = 1.8 V Peak
-40 60 -2 -3 50
-34
THD PSRR
+2 +2 3
dBV dBA dBA SPL dB dB % dB dB SPL
120 1.5 3.6 200 200 Noninverting 1
VDD IS ZOUT
V A
Positive going (increasing) pressure on the membrane results in a positive going (increasing) output voltage.
Rev. PrB | Page 3 of 8
ADMP401-1 ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter Supply Voltage Sound Pressure Level (SPL) Mechanical Shock Vibration Temperature Range Rating 3.6 V 160 dB 20,000 g Per MIL-STD-883G -40C to +85C
Preliminary Technical Data
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
CRITICAL ZONE TL TO TP
TP RAMP-UP
tP
TEMPERATURE
TL
TSMAX TSMIN
tL
tS
PREHEAT
RAMP-DOWN
t25C TO PEAK
TIME
Figure 2. Recommended Soldering Profile
Table 3. Recommended Soldering Profile
Profile Feature Average Ramp Rate (TL to TP) Preheat Minimum Temperature (TSMIN) Maximum Temperature (TSMAX) Time (TSMIN to TSMAX), tS Ramp-Up Rate (TSMAX to TL) Time Maintained Above Liquidous (tL) Liquidous Temperature (TL) Peak Temperature (TP) Time Within 5C of Actual Peak Temperature (tP) Ramp-Down Rate Time 25C to Peak Temperature Sn63/Pb37 3C/sec max 100C 150C 60 sec to 120 sec 3C/sec 60 sec to 150 sec 183C 240C + 0C/-5C 10 sec to 30 sec 6C/sec max 6 minute max Pb-Free 3C/sec max 150C 200C 60 sec to 120 sec 3C/sec 60 sec to 150 sec 217C 260C + 0C/-5C 20 sec to 40 sec 6C/sec max 8 minute max
Rev. PrB | Page 4 of 8
07712-002
Preliminary Technical Data PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
OUTPUT
1
ADMP401-1
GND
2
GND GND
6 3
VDD
5 4
GND BOTTOM VIEW (TERMINAL SIDE DOWN) Not to Scale
007712-003
Figure 3. Pin Configuration (Bottom View)
Table 4. Pin Function Descriptions
Pin No. 1 2 3 4 5 6 Mnemonic OUTPUT GND GND GND VDD GND Description Analog Output Signal. Ground. Ground. Ground. Power Supply. Ground.
Rev. PrB | Page 5 of 8
ADMP401-1 TYPICAL PERFORMANCE CHARACTERISTICS
10 8
-10 0
Preliminary Technical Data
100mV p-p SINE WAVE SUPERIMPOSED ON VDD = 3.0V
6 4
SENSITIVITY (dB)
-20
PSRR (dB)
2 0 -2 -4 -6 -8
07712-004
-30
-40
-50
100
1k FREQUENCY (Hz)
10k
100 1k FREQUENCY (Hz)
10k
Figure 4. Typical Frequency Response
Figure 5. Typical Power Supply Rejection Ratio vs. Frequency
Rev. PrB | Page 6 of 8
07712-005
-10
-60 10
Preliminary Technical Data HANDLING INSTRUCTIONS
PICK-AND-PLACE EQUIPMENT
The MEMS microphone can be handled using standard pickand-place and chip shooting equipment. Care should be taken to avoid damage to the MEMS microphone structure as follows: * Use a standard pickup tool to handle the microphone. Because the microphone hole is on the bottom of the package, the pickup tool can make contact with any part of the lid surface. Use care during pick-and-place to ensure that no high shock events above 20 kg are experienced, because such events may cause damage to the microphone. Do not pick up the microphone with a vacuum tool that makes contact with the bottom side of the microphone. Do not pull air out or blow air into the microphone port. Do not use excessive force to place the microphone on the PCB.
ADMP401-1
REFLOW SOLDER
Standard reflow solder conditions specified in Figure 2 can be used to attach the MEMS microphone to the PCB.
BOARD WASH
When washing the PCB, ensure that water does not make contact with the microphone port. Blow-off procedures and ultrasonic cleaning must not be used.
*
*
*
Rev. PrB | Page 7 of 8
ADMP401-1 OUTLINE DIMENSIONS
REFERENCE CORNER
4.82 4.72 4.62 3.30 2.62
Preliminary Technical Data
0.79
2
0.90 DIA. (PINS 1, 5, 6)
3.86 3.76 3.66
REFERENCE CORNER
1 3 6
1.68 DIA. 1.02 DIA. 2.54
2.40
1.20
5 4
1.27 0.50 DIA. (THRU HOLE)
0.15 TOP VIEW 1.10 1.00 0.90 0.82 0.76 0.70 0.68 BOTTOM VIEW 0.61 0.70 DIA. (PINS 2, 4)
Figure 6. 6-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV] 4.72 mm x 3.76 mm Body (CE-6-1) Dimensions shown in millimeters
2.05 2.00 1.95
2
8.00
1.60 MAX 1.50 NOM
1
4.00
A
1.85 1.75 1.65
0.35 0.30 0.25 0.20 MAX
12.30 12.00 11.70
3.20 5.55 5.50 5.45 2.20 3.80 1.50 MIN DIA
2
4.80
DETAIL A
A
0.25
1.60 1.30 REF SECTION A-A
0.50 R DETAIL A
Figure 7. LGA_CAV Tape and Reel Outline Dimensions Dimensions shown in millimeters
ORDERING GUIDE
Model ADMP401-1ACEZ-RL 1 ADMP401-1ACEZ-RL71
1
Temperature Range -40C to +85C -40C to +85C
Package Description 6-Terminal LGA_CAV, 13" Tape and Reel 6-Terminal LGA_CAV, 7" Tape and Reel
Package Option CE-6-1 CE-6-1
Z = RoHS Compliant Part.
(c)2008 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. PR07712-0-10/08(PrB)
Rev. PrB | Page 8 of 8
062408-A
NOTES: 1. 10 SPROCKET HOLE PITCH CUMULATIVE TOLERANCE 0.20. 2. POCKET POSITION RELATIVE TO SPROCKET HOLE MEASURED AS TRUE POSITION OF POCKET, NOT POCKET HOLE.
0.25
Ordering Quantity 4,000 1,000
092908-A
SIDE VIEW
0.24 NOM


▲Up To Search▲   

 
Price & Availability of ADMP401-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X