Part Number Hot Search : 
2SK18 78MXX AUP1T 101EC 200AAO5B 0100S CST4108 SW07S
Product Description
Full Text Search
 

To Download AD8024N3L-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Embedded Power for Business-Critical Continuity
AD8024N3L-001
78 Watts
Total Power: Input Voltage: # of Outputs: 78 Watts 90-264Vac Single
Rev. 01.08.09_151 AD8024N3L-001 1 of 2
Special Features
*CEMarkEMC&LVD *UniversalACinput *Fullyregulatedoutput *Overcurrent,Overvoltageand Thermal protection *Constantvoltage *Highefficiency *HighMTBF *IEC320ACreceptacle,3pin (type C14) *BuiltinEMIfilter *(CISPR22ClassB) *ACInputfuse *ComplieswithCeCIVand EnergyStarRequirement
Electrical Specifications
Input
Inputrange: Frequency: Inputcurrent: Efficiency: EMI/RFI: Safetyground leakagecurrent: 90-264Vac(widerange) 47-63Hz 2Amaximum 84% typical FCCPart15,SubpartBClassB&EN55022(CISPR22)ClassB 0.5mAmaximum@50/60Hz,264Vacinput
Output
MaximumPower(Po): Hold-uptime: Overcurrentprotection: Thermalprotection: Cable/connector: 78 W 10ms.minimumatfullload@115Vac Outputshortcircuitprotectionautorecover Overloadprotection@110-120%abovemaximumrating Internallyprotected;outputwilllatchoff DCcablelength2.5mmcenterplug DCplugcenter+v DCplugouter-v
EnvironmentalSpecifications
Operatingtemperature: Storagetemperature: Electromagneticsusceptibility: 0to+40Cambient -40Cto+70C DesignedtomeetEN61000-4-2,-3,-4,level2; EN61000-4-5,Level4;EN61000-3-3 Operating;non-condensing5%to90%RH >300,000hoursatfullloadand25Cambientconditions
Safety
* UL: UL60950-1 * CSA: CSA-C22.2no.60950-1 * NEMKO:EN/IEC60950-1 * CB: Certificate and report
Humidity: MTBFdemonstrated:
Embedded Power for Business-Critical Continuity
OrderingInformation
Maximum Output Maximum Ripple PeakLoad1 Regulation2 Power Voltage Load P/P(PARD)3 AD8024N3L-001 80W 24Vdc 3.25A 4.16A 5% <400mV 1. Peakcurrentlasting<4secondswithamaximum10%dutycycle. 2. At25C includinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactory settings. 3. Peak-to-peakwith20MHzbandwidthand10F(tantalumcapacitor)inparallelwitha0.1Fcapacitorat ratedlinevoltageandloadranges. Model Number
Americas
5810VanAllenWay Carlsbad,CA92008 USA Telephone:+1(760)9304600 Facsimile: +1(760)9300698
Rev. 01.08.09_151 AD8024N3L-001 2 of 2
Europe (UK)
MechanicalDrawing
REFER TO O/P CABLE DRAWING
WaterfrontBusinessPark MerryHill,Dudley WestMidlands,DY51LX UnitedKingdom Telephone:+44(0)1384842211 Facsimile: +44(0)1384843355
Asia (HK)
62" (1575)
5.87" (149.0)
1.76" 44.6
14/F,LuPlaza 2WingYipStreet KwunTong,Kowloon HongKong Telephone:+85221763333 Facsimile: +85221763888
3.13" (79.6)
Forglobalcontact,visit:
www.PowerConversion.com techsupport.embeddedpower@ emerson.com
Whileeveryprecautionhasbeentakentoensure accuracyandcompletenessinthisliterature,Emerson NetworkPowerassumesnoresponsibility,anddisclaims allliabilityfordamagesresultingfromuseofthis informationorforanyerrorsoromissions.
AC POWER ADAPTER
Emerson Network Power. Thegloballeaderinenabling business-criticalcontinuity. ACPower Connectivity DCPower EmbeddedComputing Embedded Power Monitoring OutsidePlant PowerSwitching&Controls PrecisionCooling Racks&IntegratedCabinets Services SurgeProtection EmersonNetworkPower.com
EmersonNetworkPowerandtheEmerson NetworkPowerlogoaretrademarksand servicemarksofEmersonElectricCo. (c)2008EmersonElectricCo.
MODEL LABEL
1.76"(H)x3.13"(W)x5.87"(L) 44.0mm(H)x79.6mm(W)x149.0mm(L) ACInputConnector:IEC320,C14 ACInputpowercordsoldseparately Notes: 1.Specificationssubjecttochangewithoutnotice. 2.Alldimensionsininches(mm),toleranceis0.02"(0.5mm) 3.Warranty:2year 4.Weight:0.91lb./0.41kg 5.ACinputpowercordsoldseparately. 6.Specificationsatfactorysettingsat115VACinput, 25Cunlessotherwisestated


▲Up To Search▲   

 
Price & Availability of AD8024N3L-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X