![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Preliminary Technical Data FEATURES Throughput: 6 MSPS SAR architecture 16-bit resolution with no missing codes SNR: 92 dB Typ, 90dB Min @ 1MHz INL: 1 LSB Typ, 2 LSB Max DNL: 0.3 LSB Typ, 1 LSB Max Differential input range: 4.096V No latency/no pipeline delay (SAR architecture) Serial LVDS interface: Self-clocked mode Echoed-clock mode Reference: Internal 4.096 V External (1.2V) buffered to 4.096 V External 4.096 V Power dissipation 150 mW 32-Lead LFCSP package (5 mm x 5 mm) 16-Bit, 6MSPS PulSAR Differential ADC AD7625 FUNCTIONAL BLOCK DIAGRAM REFIN REF VCM 1.2V BANDGAP IN+ INCAP DAC 2 CLOCK LOGIC VIO CNV D AD7626 SAR SERIAL LVDS DCO CLK Figure 1. GENERAL DESCRIPTION The AD7625 is a 16-bit, 6MSPS, charge redistribution successive approximation register (SAR) architecture, analog-to-digital converter (ADC). SAR architecture allows unmatched performance both in noise - 92dB SNR - and in linearity - 1LSB. The AD7625 contains a high speed 16-bit sampling ADC, an internal conversion clock, and an internal buffered reference. On the CNV edge, it samples the voltage difference between IN+ and IN- pins. The voltages on these pins swing in opposite phase between 0 V and REF. The 4.096V reference voltage, REF, can be generated internally or applied externally. All converted results are available on a single LVDS self-clocked or echoed-clock serial interface reducing external hardware connections. APPLICATIONS High dynamic range telecommunications Receivers Digital imaging systems High-speed data acquisition Spectrum analysis Test equipment Table 1. Fast PulSAR ADC Selection Input Type Differential (ground sense) True Bipolar Differential (anti-phase) Differential (anti-phase) Res (Bit s) 16 1 MSPS to < 2MSPS AD7653 AD7667 AD7980 AD7983 AD7671 AD7677 AD7623 AD7643 AD7982 AD7984 2 MSPS to 3 MSPS AD7985 6 MSPS 10 MSPS The AD7625 is housed in a 32-lead LFCSP (5mm by 5mm) with operation specified from -40C to +85C. 16 16 18 AD7621 AD7622 AD7641 AD7986 AD7625 AD7626 Rev. PrB Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2008 Analog Devices, Inc. All rights reserved. AD7625 TABLE OF CONTENTS Features .............................................................................................. 1 Applications....................................................................................... 1 Functional Block Diagram .............................................................. 1 General Description ......................................................................... 1 Specifications..................................................................................... 3 Timing Specifications .................................................................. 4 Absolute Maximum Ratings............................................................ 5 Preliminary Technical Data Thermal Resistance .......................................................................5 ESD Caution...................................................................................5 Pin Configuration and Function Descriptions..............................6 Terminology .......................................................................................8 Theory of Operation .........................................................................9 Outline Dimensions ....................................................................... 11 Rev. PrB | Page 2 of 11 Preliminary Technical Data SPECIFICATIONS VDD1 = 5 V; VDD2 = 2.5 V; VIO = 2.5 V; VREF = 4.096 V; all specifications TMIN to TMAX, unless otherwise noted. Table 2. Parameter RESOLUTION ANALOG INPUT Voltage Range Operating Input Voltage Common Mode Input Range Analog Input CMRR Input Current THROUGHPUT SPEED Complete Cycle Throughput Rate DC ACCURACY Integral Linearity Error No Missing Codes Differential Linearity Error Transition Noise Zero Error, TMIN to TMAX Zero Error Drift Gain Error, TMIN to TMAX Gain Error Drift Power Supply Sensitivity AC ACCURACY Dynamic Range Signal-to-Noise Spurious-Free Dynamic Range Total Harmonic Distortion Signal-to-(Noise + Distortion) -3 dB Input Bandwidth Aperture Delay Aperture jitter Transient Response INTERNAL REFERENCE Output Voltage Temperature Drift REFERENCE BUFFER REFIN Input Voltage Range REF Output Voltage range EXTERNAL REFERENCE Voltage Range VCM Output Voltage Output Impedance Conditions Min 16 -VREF -0.1 VREF/2 - 0.1 Typ Max AD7625 Unit Bits V V V dB A ns MSPS LSB Bits LSB LSB V ppm/C ppm of FS ppm/C LSB LSB dB dB dB dB dB dB dB MHz ns ps rms ns V ppm/C V V V VREF/2 k VIN+ - VIN- VIN+, VIN- to AGND fIN = 1 MHz 6 MSPS throughput VREF/2 60 350 +VREF +VREF + 0.1 VREF/2 + 0.1 0.001 -2 16 -1 1 0.3 0.6 100 1 50 1 TBD TBD 92 92 110 90 -110 -90 92 100 5 50 1.2 7 1.2 4.096 REF @ 25C 4 4.096 VREF/2 5 166 6 +2 +1 VDD1 = 5 V 5% VDD2 = 2.5 V 5% 90 90 fIN = 250 kHz fIN = 250 kHz fIN = TBD fIN = 250 kHz fIN = TBD fIN = 250 kHz Full-Scale Step REFIN @ 25C -40C to +85C 6 Rev. PrB | Page 3 of 11 AD7625 Parameter LVDS I/O, (ANSI-644) Data Format VOD VOCM VID VICM POWER SUPPLIES Specified Performance VDD1 VDD2 VIO Operating Currents VDD1 VDD2 VIO VIO Power Dissipation1 With Internal Reference Without Internal Reference Energy per conversion TEMPERATURE RANGE Specified Performance 1 Preliminary Technical Data Conditions Min Typ Max Unit Serial LVDS Two's complement Differential Output Voltage, RL=100 Common mode Output Voltage, RL=100 Differential Input Voltage Common mode Input Voltage 247 1125 100 800 350 1250 454 1375 650 1575 mV mV mV mV 4.75V 2.37 2.3 5 2.5 2.5 10 25 14 18 140 120 10 5.25V 2.63 2.7 V V V mA mA mA mA mW mW nJ/sample Self-clocked mode Echoed-clock mode 6 MSPS throughput 6 MSPS throughput 6 MSPS throughput TMIN to TMAX -40 +85 C Power dissipation is for the AD7626 only. In self-clocked interface, 9mW is dissipated in the 100 ohm terminator. In echoed-clock interface, 18mW is dissipated in (2) 100 ohm terminators. TIMING SPECIFICATIONS VDD1 = 5 V; VDD2 = 2.5 V; VIO = 2.3V to 2.7 V; VREF = 4.096 V; all specifications TMIN to TMAX, unless otherwise noted. Table 3. Parameter Time between conversion Acquisition time CNV high time CNV to D (MSB) delay CNV to last CLK (LSB) delay CLK period CLK frequency CLK to DCO delay (echoed-clock mode) DCO to D delay (echoed-clock mode) CLK to D delay Symbol tCYC tACQ tCNVH tMSB tCLKL tCLK fCLK tDCO tD tCLKD Min 100 40 10 Typ Max 10000 40 166 120 4 250 4 0 4 400 7 1 7 Unit ns ns ns ns ns ns MHz ns ns ns TBD 0 -1 0 Rev. PrB | Page 4 of 11 Preliminary Technical Data ABSOLUTE MAXIMUM RATINGS Table 4. Parameter Analog Inputs/Outputs CAP1, REFIN IN+, IN-, REF, REF/2, CAP2 Digital Inputs/Outputs Supply Voltage VDD1 VDD2, VIO With Respect to GND GND GND GND GND Rating AD7625 maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE JA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 5. Thermal Resistance Package Type JA JC Unit -0.3V to 2.7V -0.3V to 6V -0.3V to 2.7V -0.3V to 6V -0.3V to 2.7V ESD CAUTION Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute Rev. PrB | Page 5 of 11 AD7625 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 32 31 30 29 28 27 26 25 REF GND REF REF CAP2 GND CAP2 CAP2 Preliminary Technical Data Table 6. Pin Function Descriptions Pin No. 1 2 Mnemonic VDD1 VDD2 Type1 P P Description Analog 5V Supply. Decouple with 10uF and 100nF capacitors. Analog 2.5V Supply. The system 2.5V supply should supply this pin first, decoupled with 10uF and 100nF capacitors, then starred off to other VDD2 pins. Connect to a 10nF capacitor. Pre-Buffer Reference Voltage. When using the internal reference, this pin outputs the band-gap voltage and is nominally at 1.2V. It can be overdriven with an external reference voltage like the ADR280. In either mode, a 10uF capacitor is required. If using an external 4.096V reference (connected to REF), this pin is a no connect and does not require any capacitor. Enable Pins. EN1 EN0 Operation 0 0 Power down all; ADC, internal reference and reference buffer. 0 1 Enable internal buffer, disable internal reference. An external 1.2V reference connected to REFIN pin is required. 1 0 Disable internal reference and buffer. An external reference connected to the REF pin is required. 1 1 Enable all; ADC, internal reference and reference buffer. Digital 2.5V supply. Convert Input. This input has multiple functions. On its rising edge, it samples the analog inputs and initiates a conversion cycle. CNV+ works as a CMOS input when CNV- is grounded otherwise CNV+, CNV- are LVDS inputs. LVDS Data Outputs. The conversion data is output serially on these pins. Input/Output Interface Supply. Nominally 2.5V. Ground. LVDS Buffered Clock Outputs. When DCO+ is grounded, the self-clock interface mode is selected. In this mode, the 16 bit results on D is preceded by a three bit header (010) to allow synchronization of the data by the digital host with simple logic. When DCO+ is not grounded, the echoed clock interface mode is selected. In this mode, DCO is a copy of CLK. The data bits are output on the falling edge of DCO+ and can be latched in the digital host on the next rising edge of DCO+. LVDS Clock Inputs. This clock shifts out the conversion results on the negative edge of CLK+. Rev. PrB | Page 6 of 11 3 4 CAP1 REFIN AO AI/O 5, 6 EN0, EN1 DI 7 8, 9 VDD2 CNV-, CNV+ P DI 10, 11 12 13 14, 15 D-, D+ VIO GND DCO-, DCO+ D0 P P DI/O 16, 17 CLK-, CLK+ DI CNV+ DD+ VIO GND DCODCO+ CLK- 9 10 11 12 13 14 15 16 Figure 2. 00000-000 VDD1 VDD2 CAP1 REFIN EN0 EN1 VDD2 CNV- 1 2 3 4 5 6 7 8 PIN 1 INDICATOR TOP VIEW 24 23 22 21 20 19 18 17 GND IN+ INREF/2 VDD1 VDD1 VDD2 CLK+ Preliminary Technical Data Pin No. 18 19, 20 21 Mnemonic VDD2 VDD1 VCM Type1 P P AO AD7625 22 23 24 25, 26, 28 27 29, 30, 32 ININ+ GND CAP2 GND REF AI AI P AO P AI/O 31 1 GND P Description Analog 2.5V Supply. Analog 5V supply. Isolate from Pin 1 with a ferrite bead. Common Mode Output. When using any reference scheme, this pin produces 1/2 of the voltage present on the REF pin which can be useful for driving the common mode of the input amplifiers. Differential Negative Analog Input. Referenced to and must be driven 180 out of phase with IN+. Differential Positive Analog Input. Referenced to and must be driven 180 out of phase with IN-. Ground. Connect all three pins to a single 10uF X5R capacitor with the shortest distance. The other side of the capacitor must be placed close to pin 27 (GND). Ground. Return path for 10uF capacitor connected to pins 25, 26, and 28. Buffered Reference Voltage. When using the internal reference or 1.2V external reference (REFIN input), the 4.096V system reference is produced at this pin. When using an external reference, like the ADR434 or ADR444, the internal reference buffer must be disabled. In either case, connect all three pins to a single 10uF X5R capacitor with the shortest distance. The other side of the capacitor must be placed close to pin 31 (GND) Ground. Return path for 10uF capacitor connected to pins 29, 30, and 32. AI = analog input; AI/O = bidirectional analog; AO = analog output; DI = digital input; DI/O = bidirectional digital; DO = digital output; P = power. Rev. PrB | Page 7 of 11 AD7625 TERMINOLOGY Least Significant Bit (LSB) The least significant bit, or LSB, is the smallest increment that can be represented by a converter. For a fully differential input ADC with N bits of resolution, the LSB expressed in volts is LSB (V ) = V INp-p 2 N Preliminary Technical Data Total Harmonic Distortion (THD) THD is the ratio of the rms sum of the first five harmonic components to the rms value of a full-scale input signal and is expressed in decibels. Signal-to-(Noise + Distortion) Ratio (SINAD) SINAD is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the Nyquist frequency, including harmonics but excluding dc. The value for SINAD is expressed in decibels. Spurious-Free Dynamic Range (SFDR) The difference, in decibels (dB), between the rms amplitude of the input signal and the peak spurious signal. Effective Number of Bits (ENOB) ENOB is a measurement of the resolution with a sine wave input. It is related to SINAD and is expressed in bits by ENOB = [(SINADdB - 1.76)/6.02] Aperture Delay Aperture delay is a measure of the acquisition performance measured from the falling edge of the CNVST input to when the input signal is held for a conversion. Transient Response The time required for the AD7634 to achieve its rated accuracy after a full-scale step function is applied to its input. Reference Voltage Temperature Coefficient Reference voltage temperature coefficient is derived from the typical shift of output voltage at 25C on a sample of parts at the maximum and minimum reference output voltage (VREF) measured at TMIN, T(25C), and TMAX. It is expressed in ppm/C as TCVREF ( ppm/C ) = VREF ( Max ) - VREF ( Min ) VREF ( 25C ) x ( TMAX - TMIN ) x 10 6 Integral Nonlinearity Error (INL) Linearity error refers to the deviation of each individual code from a line drawn from negative full scale through positive fullscale. The point used as negative full scale occurs a 1/2 LSB before the first code transition. Positive full scale is defined as a level 11/2 LSBs beyond the last code transition. The deviation is measured from the middle of each code to the true straight line. Differential Nonlinearity Error (DNL) In an ideal ADC, code transitions are 1 LSB apart. Differential nonlinearity is the maximum deviation from this ideal value. It is often specified in terms of resolution for which no missing codes are guaranteed. Zero Error The difference between the ideal midscale input voltage (0 V) and the actual voltage producing the midscale output code. Gain Error The first transition (from 100 ... 00 to 100 ... 01) should occur at a level 1/2 LSB above nominal negative full scale (-4.095938 V for the 4.096V V range). The last transition (from 011 ... 10 to 011 ... 11) should occur for an analog voltage 11/2 LSB below the nominal full scale (+4.095813 V for the 4.096V range). The gain error is the deviation of the difference between the actual level of the last transition and the actual level of the first transition from the difference between the ideal levels. Dynamic Range Dynamic range is the ratio of the rms value of the full scale to the rms noise measured for an input typically at -60 dB. The value for dynamic range is expressed in decibels. Signal-to-Noise Ratio (SNR) SNR is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the Nyquist frequency, excluding harmonics and dc. The value for SNR is expressed in decibels. where: VREF (Max) = maximum VREF at TMIN, T(25C), or TMAX. VREF (Min) = minimum VREF at TMIN, T(25C), or TMAX. VREF (25C) = VREF at 25C. TMAX = +85C. TMIN = -40C. Rev. PrB | Page 8 of 11 Preliminary Technical Data THEORY OF OPERATION Echoed-Clock Interface Mode The AD7626 digital operation in "echoed-clock interface mode" is shown in Figure 3. This interface mode, requiring just a shift register on the digital host, can be used with many digital hosts (FPGA, shift register, microprocessor, etc.). It requires 3 LVDS pairs (D, CLK, and DCO) between each AD7626 and the digital host. The clock DCO is a buffered copy of CLK and synchronous to the data, D, which is updated on DCO+ falling edge (tD). By keeping good propagation delay matching between D and DCO through the board and the digital host, DCO can be can be used to latch D with good timing margin for the shift register. AD7625 Conversions are initiated by a CNV pulse. The CNV must be returned low tCNVH(max) for valid operation. Once a conversion has begun, it continues until completion. Additional CNV pulses are ignored during the conversion phase. After the time tMSB elapses, the host should begin to burst the CLK. Note that tMSB is the maximum time for the MSB of the new conversion result and should be used as the gating device for CLK. The echoed clock, DCO, and data, D, will be driven in phase with D being updated on the DCO+ falling edge and the host should use the DCO+ rising edge to capture D. The only requirement is that the 16 CLK pulses finish before the time tCLKL elapses of the next conversion phase or the data will be lost. From the time tCLKL to tMSB, D and DCO will be driven to 0's. SAMPLE N+1 TCYC SAMPLE N TCNVH CNVCNV+ TACQ ACQUISITION TCLK CLKCLK+ TDCO DCODCO+ TCLKD D+ DD1 N-1 D0 N-1 0 15 16 1 2 15 16 1 2 3 15 16 1 2 ACQUISITION TCLKL 15 16 1 2 3 ACQUISITION TMSB TD D15 N D14 N D1 N D0 N 0 D15 N+1 D14 N+1 D13 N+1 Figure 3. Echoed-Clock Interface Mode Timing Diagram Rev. PrB | Page 9 of 11 AD7625 Self Clocked Mode The AD7626 digital operation in "self-clocked interface mode" is shown in Figure 4. This interface mode reduces the number of wires between ADCs and the digital host to 2 LVDS pairs per AD7626, CLK and D or a single pair if sharing a common CLK using multiple AD7626's. This considerably eases the design of a system using multiple AD7626's since the interface can tolerate several CLK cycles of propagation delay mismatch between the different AD7626 devices and the digital host. The "self-clocked interface mode" consists of preceding each ADC word results by a header of 2 bits on the data, D This header is used to synchronize D of each conversion in the digital host. Synchronization is accomplished by one simple state machine per AD7626 device. The state machine is running, for instance, at the same speed as CLK with 3 phases. The state machine measures when the first "one" of the header occurs. This provides the value of the actual propagation delay delta SAMPLE N TCYC TCNVH CNVCNV+ TACQ ACQUISITION TCLK CLKCLK+ TCLKD D+ DD1 N-1 TMSB *1 1 17 18 1 2 3 4 ACQUISITION TCLKL Preliminary Technical Data between the state machine clock and D including any board propagation time allowing to use the best clock signal to latch the following bits of the conversion result. Conversions are initiated by a CNV pulse. The CNV must be returned low tCNVH(max) for valid operation. Once a conversion has begun, it continues until completion. Additional CNV pulses are ignored during the conversion phase. After the time tMSB elapses, the host should begin to burst the CLK. Note that tMSB is the maximum time for the first bit of the header and should be used as the gating device for CLK. CLK is also used internally on the host to begin the internal synchronization state machine. The next header bit and conversion results are output on subsequent falling edges of CLK. The only requirement is that the 18 CLK pulses finish before the time tCLKL elapses of the next conversion phase or the data will be lost. SAMPLE N+1 ACQUISITION 17 18 1 2 3 1 Figure 4. Self-Clocked Interface Mode Timing Diagram1 1 This timing is for silicon rev 1 or above. For silicon rev 0, there is an extra bit (a zero) in front on the bit with value 1. Therefore, silicon rev 0 needs 19 clock pulses. Rev. PrB | Page 10 of 11 0 0 0 0 D0 N-1 D15 N D14 N D1 N D0 N D15 N+1 Preliminary Technical Data OUTLINE DIMENSIONS 5.00 BSC SQ 0.60 MAX 0.60 MAX 25 24 32 1 AD7625 PIN 1 INDICATOR PIN 1 INDICATOR TOP VIEW 4.75 BSC SQ 0.50 BSC EXPOSED PAD (BOTTOM VIEW) 3.45 3.30 SQ 3.15 8 0.50 0.40 0.30 0.80 MAX 0.65 TYP 0.05 MAX 0.02 NOM SEATING PLANE 0.30 0.23 0.18 0.20 REF 17 16 9 0.25 MIN 3.50 REF 12 MAX 1.00 0.85 0.80 COPLANARITY 0.08 COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2 Figure 5.32-Lead Lead Frame Chip Scale package [LFCSP_VQ] 5 mm x 5 mm Body, Very Thin Quad (CP-32-3) (c)2008 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. PR07652-0-6/08(PrB) |
Price & Availability of AD7625
![]() |