Part Number Hot Search : 
2D161C 12N60 CTUP3B BR2020 BCW65 D2P6M 2SD907 CMD11505
Product Description
Full Text Search
 

To Download 8ETL06FPPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8ETL06PbF/8ETL06FPPBF
Vishay High Power Products
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
FEATURES
8ETL06PbF 8ETL06FPPBF
* Benchmark ultralow forward voltage drop * Hyperfast recovery time * Low leakage current * 175 C operating junction temperature * Fully isolated package (VINS = 2500 VRMS)
Pb-free Available
RoHS*
COMPLIANT
Base cathode 2
* UL E78996 approved * Lead (Pb)-free * Designed and qualified for industrial level
DESCRIPTION
1 Cathode 3 Anode 1 Cathode 3 Anode
TO-220AC
TO-220 FULL-PAK
PRODUCT SUMMARY
VF (typical) IF(AV) VR 0.96 V 8A 600 V
State of the art, ultralow VF, soft-switching hyperfast rectifiers optimized for Discontinuous (Critical) Mode (DCM) Power Factor Correction (PFC). The minimized conduction loss, optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers. The device is also intended for use as a freewheeling diode in power supplies and other power switching applications.
APPLICATIONS
AC-DC SMPS 70 W to 400 W e.g. laptop and printer AC adaptors, desktop PC, TV and monitor, games units and DVD AC-DC power supplies.
ABSOLUTE MAXIMUM RATINGS
PARAMETER Repetitive peak reverse voltage Average rectified forward current Non-repetitive peak surge current Repetitive peak forward current Operating junction and storage temperatures SYMBOL VRRM FULL-PAK IF(AV) IFSM IFM TJ, TStg TC = 160 C TC = 142 C TJ = 25 C TEST CONDITIONS VALUES 600 8 175 16 - 65 to 175 C A UNITS V
ELECTRICAL SPECIFICATIONS (TJ = 25 C unless otherwise specified)
PARAMETER Breakdown voltage, blocking voltage Forward voltage SYMBOL VBR, VR VF IR CT LS IR = 100 A IF = 8 A IF = 8 A, TJ = 150 C VR = VR rated TJ = 150 C, VR = VR rated VR = 600 V Measured lead to lead 5 mm from package body TEST CONDITIONS MIN. 600 TYP. 0.96 0.81 0.05 20 17 8.0 MAX. 1.05 0.86 5 100 A pF nH V UNITS
Reverse leakage current Junction capacitance Series inductance
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 94028 Revision: 08-Apr-08 For technical questions, contact: diodes-tech@vishay.com www.vishay.com 1
8ETL06PbF/8ETL06FPPBF
Vishay High Power Products
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 C unless otherwise specified)
PARAMETER SYMBOL TEST CONDITIONS IF = 1 A, dIF/dt = 100 A/s, VR = 30 V Reverse recovery time trr IF = 8 A, dIF/dt = 100 A/s, VR = 30 V TJ = 25 C TJ = 125 C Peak recovery current IRRM Qrr TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C IF = 8 A dIF/dt = 200 A/s VR = 390 V MIN. TYP. 60 150 170 250 15 20 1.3 2.6 MAX. 100 250 A ns UNITS
Reverse recovery charge
C
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction and storage temperature range Thermal resistance, junction to case per leg (FULL-PAK) per leg SYMBOL TJ, TStg RthJC RthJA RthCS Typical socket mount Mounting surface, flat, smooth and greased TEST CONDITIONS MIN. - 65 6.0 (5.0) Case style TO-220AC Case style TO-220 FULL-PAK TYP. 1.4 3.4 0.5 2.0 0.07 MAX. 175 2 4.3 70 12 (10) 8ETL06 8ETL06FP g oz. kgf * cm (lbf * in) C/W UNITS C
Thermal resistance, junction to ambient per leg Thermal resistance, case to heatsink Weight Mounting torque Marking device
www.vishay.com 2
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94028 Revision: 08-Apr-08
8ETL06PbF/8ETL06FPPBF
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
100 100 TJ = 175 C
Vishay High Power Products
IR - Reverse Current (A)
IF - Instantaneous Forward Current (A)
10
TJ = 150 C TJ = 125 C
10
1
TJ = 100 C TJ = 75 C
1
TJ = 175 C TJ = 150 C TJ = 25 C
0.1
TJ = 50 C TJ = 25 C
0.01
0.1 0.4
0.8
1.2
1.6
2.0
0.001 100 200 300 400 500 600
VF - Forward Voltage Drop (V)
Fig. 1 - Typical Forward Voltage Drop Characteristics
VR - Reverse Voltage (V)
Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage
100
CT - Junction Capacitance (pF)
TJ = 25 C
10 0 100 200 300 400 500 600
VR - Reverse Voltage (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
ZthJC - Thermal Impedance (C/W)
10
1
PDM t1 t2
0.1
Single pulse (thermal resistance) 0.01 0.00001 0.0001
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 0.001 0.01
Notes: 1. Duty factor D = t1/t2 . 2. Peak TJ = PDM x ZthJC + TC 0.1
.
1
t1 - Rectangular Pulse Duration (s)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Document Number: 94028 Revision: 08-Apr-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 3
8ETL06PbF/8ETL06FPPBF
Vishay High Power Products
10
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
ZthJC - Thermal Impedance (C/W)
1
PDM
0.1 Single pulse (thermal resistance) 0.01 0.00001
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 0.001 0.01 0.1
t1 t2
Notes: 1. Duty factor D = t1/t2 . 2. Peak TJ = PDM x ZthJC + TC 1 10
.
100
0.0001
t1 - Rectangular Pulse Duration (s)
Fig. 5 - Maximum Thermal Impedance ZthJC Characteristics (FULL-PAK)
180
180
Allowable Case Temperature (C)
175 170 165 DC 160 155 See note (1) 150 0 2 4 6 8 10 12 14 Square wave (D = 0.50) Rated VR applied
Allowable Case Temperature (C)
160 DC 140 Square wave (D = 0.50) Rated VR applied
120
100 See note (1) 80 0 2 4 6 8 10 12 14
IF(AV) - Average Forward Current (A)
Fig. 6 - Maximum Allowable Case Temperature vs. Average Forward Current
12 RMS limit
IF(AV) - Average Forward Current (A)
Fig. 7 - Maximum Allowable Case Temperature vs. Average Forward Current (FULL-PAK)
Average Power Loss (W)
10 8 6 4 2 0 0 2 4 6 8 10 12 D = 0.01 D = 0.02 D = 0.05 D = 0.10 D = 0.20 D = 0.50
DC
IF(AV) - Average Forward Current (A)
Fig. 8 - Forward Power Loss Characteristics Note (1) Formula used: T = T - (Pd + Pd C J REV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 8); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR www.vishay.com 4 For technical questions, contact: diodes-tech@vishay.com Document Number: 94028 Revision: 08-Apr-08
8ETL06PbF/8ETL06FPPBF
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
450 400 350 300 VR = 390 V TJ = 125 C TJ = 25 C 5000 4500 4000 3500 IF = 16 A IF = 8 A
Vishay High Power Products
Qrr (nC)
trr (ns)
250 200 150 100 50 0 100 IF = 16 A IF = 8 A 1000
3000 2500 2000 1500 1000 500 100 VR = 390 V TJ = 125 C TJ = 25 C 1000
dIF/dt (A/s)
Fig. 9 - Typical Reverse Recovery Time vs. dIF/dt
dIF/dt (A/s)
Fig. 10 - Typical Stored Charge vs. dIF/dt
VR = 200 V
0.01 L = 70 H D.U.T.
dIF/dt adjust
D G IRFP250 S
Fig. 11 - Reverse Recovery Parameter Test Circuit
(3)
IF
0
trr ta tb
Qrr
(2)
(4)
IRRM
0.5 IRRM dI(rec)M/dt (5) 0.75 IRRM
(1) dIF/dt (1) dIF/dt - rate of change of current through zero crossing (2) IRRM - peak reverse recovery current (3) trr - reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current. (4) Qrr - area under curve defined by trr and IRRM Qrr = trr x IRRM 2
(5) dI(rec)M/dt - peak rate of change of current during tb portion of trr
Fig. 12 - Reverse Recovery Waveform and Definitions
Document Number: 94028 Revision: 08-Apr-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 5
8ETL06PbF/8ETL06FPPBF
Vishay High Power Products
ORDERING INFORMATION TABLE
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Device code
8
1 1 2 3 4 5 -
E
2
T
3
L
4
06
5
FP
6
PbF
7
Current rating (8 = 8 A) E = Single diode T = TO-220, D2PAK L = Ultralow VF hyperfast recovery Voltage rating (06 = 600 V) None = TO-220AC FP = TO-220 FULL-PAK
6
7
-
None = Standard production PbF = Lead (Pb)-free
Tube standard pack quantity: 50 pieces
LINKS TO RELATED DOCUMENTS Dimensions Part marking information http://www.vishay.com/doc?95039 http://www.vishay.com/doc?95045
www.vishay.com 6
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94028 Revision: 08-Apr-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 8ETL06FPPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X