Part Number Hot Search : 
215200 5P2S2Z4 LL101B LC898 4HCT7 MM5Z30T UC384 2SC5277
Product Description
Full Text Search
 

To Download 593D107X0010A2TE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 593D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) , Molded Case, Low ESR
FEATURES
* Terminations: 100 % Matte Tin, standard, Tin/Lead available * Compliant terminations * Molded case available in five case codes Effective September 2005, new capacitor ratings will not be added to the 593D series. All new ratings are available in the TR3 series. The TR3 series offers state-of-the-art low ESR for switch Mode Power Supplies and DC/DC Converters. * Compatible with "High Volume" automatic pick and place equipment * High ripple current carrying capability * Low ESR * Meets IEC Specification QC300801/US0001 and EIA535BAAC mechanical and performance requirements
PERFORMANCE/ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55 C to + 125 C
Note: Refer to Doc. 40088
Capacitance Range: 0.47 F to 680 F
Capacitance Tolerance: 5 %, 10 %, 20 % 100 % Surge Current Tested (B, C, D and E Case Sizes) Voltage Rating: 4 VDC to 50 VDC
ORDERING INFORMATION
593D TYPE 107 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow X9 CAPACITANCE TOLERANCE X0 = 20 % X9 = 10 % X5 = 5 % 010 DC VOLTAGE RATING AT + 85 C D CASE CODE 2WE3 TERMINATION AND PACKAGING 2TE3: Matte Tin, 7" (178 mm) reel 2WE3: Matte Tin, 13" (330 mm) reel 8T: Tin/Lead, 7" (178 mm) reel 8W: Tin/Lead, 13" (330 mm) reel
See Ratings and This is expressed in volts. To Case Codes Table complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 V)
Note: We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage substitutions will be marked with the higher voltage rating. Effective July 15, 2008, part numbers with solderable termination codes 2T and 2W may have either matte or tin/lead terminations. Codes 2TE3 and 2WE3 specify only matte tin terminations. Codes 8T and 8W specify only tin/lead terminations.
DIMENSIONS in inches [millimeters]
L W H TH MIN. P TW
CASE CODE A B C D E
EIA SIZE 3216-18 3528-21 6032-28 7343-31 7343-43
L 0.126 0.008 [3.2 0.20] 0.138 0.008 [3.5 0.20] 0.236 0.012 [6.0 0.30] 0.287 0.012 [7.3 0.30] 0.287 0.012 [7.3 0.30]
W 0.063 0.008 [1.6 0.20] 0.110 0.008 [2.8 0.20] 0.126 0.012 [3.2 0.30] 0.170 0.012 [4.3 0.30] 0.170 0.012 [4.3 0.30]
H 0.063 0.008 [1.6 0.20] 0.075 0.008 [1.9 0.20] 0.098 0.012 [2.5 0.30] 0.110 0.012 [2.8 0.30] 0.158 0.012 [4.0 0.30]
P 0.031 0.012 [0.80 0.30] 0.031 0.012 [0.80 0.30] 0.051 0.012 [1.3 0.30] 0.051 0.012 [1.3 0.30] 0.051 0.012 [1.3 0.30]
TW 0.047 0.004 [1.2 0.10] 0.087 0.004 [2.2 0.10] 0.087 0.004 [2.2 0.10] 0.095 0.004 [2.4 0.10] 0.095 0.004 [2.4 0.10]
TH (MIN.) 0.028 [0.70] 0.028 [0.70] 0.039 [1.0] 0.039 [1.0] 0.039 [1.0]
Document Number: 40005 Revision: 20-Oct-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 1
593D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) , Molded Case, Low ESR
* Pb containing terminations are not RoHS compliant, exemptions may apply
RATINGS AND CASE CODES
F 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 A A A/B A/B B/C B/C B/C/D C/D D D/E E A A A/B A/B B/C B/C B/C/D C/D/E D/E D/E E A A A A/B A/B/C B/C B/C/D C/D C/D D/E D/E E A A/B A A/B/C B/C B/C B/C/D C/D D D/E E A A A/B B B/C B/C C/D C/D D/E D/E E A A A A/B B B/C C C C/D D D/E E 4V 6.3 V 10 V 16 V 20 V 25 V 35 V A A A/B B/C B/C C C C/D C/D D/E D/E B/C B/C C/D C/D E/D D/E E 50 V
MARKING
"A" CASE VOLTAGE CODE
Capacitance Code, pF Indicates Lead (Pb)-free
VOLTS 4.0 6.3
CODE G J A C D E V T
Polarity Band (+) Capacitance F
Voltage
Indicates Lead (Pb)-free
Vishay Sprague Logo
V
104L
10 16
Voltage Code
22 XX
10L
2
Vishay Sprague Logo
Polarity Band (+)
20 25
Date Code
"A" Case Size
35 50
"B, C, D, E" Case Sizes
Marking: Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. "A" Case capacitors use a letter code for the voltage and EIA capacitance code. The Vishay Sprague(R) trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V. A manufacturing date code is marked on all capacitors. Call the factory for further explanation.
www.vishay.com 2
For technical questions, contact: tantalum@vishay.com
Document Number: 40005 Revision: 20-Oct-08
593D
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) , Molded Case, Low ESR
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE MAX. DC MAX. DF LEAKAGE AT + 25 C AT + 25 C 120 Hz (A) (%) 4 VDC AT + 85 C, 2.7 VDC AT + 125 C 593D156(1)004A2(2) 0.6 6 593D226(1)004A2(2) 0.9 6 593D336(1)004A2(2) 1.3 6 593D336(1)004B2(2) 1.3 6 593D476(1)004A2(2) 1.9 14 593D476(1)004B2(2) 1.9 6 593D686(1)004B2(2) 2.7 6 593D686(1)004C2(2) 2.7 6 593D107(1)004B2(2) 4.0 6 593D107(1)004C2(2) 4.0 6 593D157(1)004B2(2) 6.0 14 593D157(1)004C2(2) 6.0 8 593D157(1)004D2(2) 6.0 8 593D227(1)004C2(2) 8.8 8 593D227(1)004D2(2) 8.8 8 593D337(1)004D2(2) 13.2 8 593D477(1)004D2(2) 18.8 10 593D477(1)004E2(2) 18.8 10 593D687(1)004E2(2) 27.2 12 6.3 VDC AT + 85 C, 4 VDC AT 125 C 593D106(1)6R3A2(2) 0.6 6 593D156(1)6R3A2(2) 0.9 6 593D226(1)6R3A2(2) 1.3 6 593D226(1)6R3B2(2) 1.3 6 593D336(1)6R3A2(2) 2.0 14 593D336(1)6R3B2(2) 2.0 6 593D476(1)6R3B2(2) 2.8 6 593D476(1)6R3C2(2) 2.8 6 593D686(1)6R3B2(2) 4.1 6 593D686(1)6R3C2(2) 4.1 6 593D107(1)6R3B2(2) 6.0 15 593D107(1)6R3C2(2) 6.0 6 593D107(1)6R3D2(2) 6.0 6 593D157(1)6R3C2(2) 9.0 8 593D157(1)6R3D2(2) 9.0 8 593D157(1)6R3E2(2) 9.0 8 593D227(1)6R3D2(2) 13.2 8 593D227(1)6R3E2(2) 13.2 8 593D337(1)6R3D2(2) 19.8 8 593D337(1)6R3E2(2) 19.8 8 593D477(1)6R3E2(2) 28.2 10 10 VDC AT + 85 C, 7 VDC AT 125 C 593D475(1)010A2(2) 0.5 6 593D685(1)010A2(2) 0.7 6 593D106(1)010A2(2) 1.0 6 593D156(1)010A2(2) 1.5 6 593D156(1)010B2(2) 1.5 6 593D226(1)010A2(2) 2.2 8 593D226(1)010B2(2) 2.2 6 593D226(1)010C2(2) 2.2 6 593D336(1)010B2(2) 3.3 6 593D336(1)010C2(2) 3.3 6 PART NUMBER MAX. ESR AT + 25 C 100 kHz () 1.500 1.500 1.500 0.500 0.800 0.500 0.500 0.275 0.450 0.225 0.500 0.250 0.150 0.200 0.150 0.150 0.125 0.100 0.100 2.000 2.000 2.000 0.600 0.800 0.600 0.550 0.300 0.550 0.275 0.500 0.250 0.140 0.200 0.125 0.100 0.100 0.100 0.125 0.100 0.100 3.000 3.000 2.000 2.000 0.700 1.500 0.700 0.345 0.600 0.300 MAX. RIPPLE 100 kHz Irms (A) 0.22 0.22 0.22 0.41 0.31 0.41 0.41 0.63 0.43 0.66 0.41 0.66 1.00 0.74 1.00 1.00 1.10 1.28 1.28 0.19 0.19 0.19 0.38 0.31 0.38 0.39 0.61 0.39 0.63 0.41 0.66 1.04 0.74 1.10 1.28 1.22 1.28 1.10 1.28 1.28 0.16 0.16 0.19 0.19 0.35 0.22 0.35 0.56 0.38 0.61
Vishay Sprague
15 22 33 33 47 47 68 68 100 100 150 150 150 220 220 330 470 470 680 10 15 22 22 33 33 47 47 68 68 100 100 100 150 150 150 220 220 330 330 470 4.7 6.8 10 15 15 22 22 22 33 33
A A A B A B B C B C B C D C D D D E E A A A B A B B C B C B C D C D E D E D E E A A A A B A B C B C
Notes: * (1) Tolerance: X0, X9, X5 * (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W Document Number: 40005 Revision: 20-Oct-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 3
593D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) , Molded Case, Low ESR
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE MAX. DC MAX. DF LEAKAGE AT + 25 C AT + 25 C 120 Hz (A) (%) 10 VDC AT + 85 C, 7 VDC AT 125 C 593D476(1)010B2(2) 4.7 6 593D476(1)010C2(2) 4.7 6 593D476(1)010D2(2) 4.7 6 593D686(1)010C2(2) 6.8 6 593D686(1)010D2(2) 6.8 6 593D107(1)010C2(2) 10.0 8 593D107(1)010D2(2) 10.0 6 593D157(1)010D2(2) 15.0 8 593D157(1)010E2(2) 15.0 8 593D227(1)010D2(2) 22.0 8 593D227(1)010E2(2) 22.0 8 593D337(1)010E2(2) 33.0 10 16 VDC AT + 85 C, 10 VDC AT + 125 C 593D335(1)016A2(2) 0.5 6 593D475(1)016A2(2) 0.8 6 593D475(1)016B2(2) 0.8 6 593D685(1)016A2(2) 1.1 6 593D106(1)016A2(2) 1.6 6 593D106(1)016B2(2) 1.6 6 593D106(1)016C2(2) 1.6 6 593D156(1)016B2(2) 2.4 6 593D156(1)016C2(2) 2.4 6 593D226(1)016B2(2) 3.5 6 593D226(1)016C2(2) 3.5 6 593D336X0016B2(2) 5.3 6 593D336(1)016C2(2) 5.3 6 593D336(1)016D2(2) 4.2 4 593D476(1)016C2(2) 7.5 6 593D476(1)016D2(2) 7.5 6 593D686(1)016D2(2) 10.9 6 593D107(1)016D2(2) 16.0 8 593D107(1)016E2(2) 16.0 8 593D157(1)016E2(2) 24.0 8 20 VDC AT + 85 C, 13 VDC AT + 125 C 593D105(1)020A2(2) 0.5 4 593D225(1)020A2(2) 0.5 6 593D335(1)020A2(2) 0.7 6 593D475(1)020A2(2) 0.9 6 593D475(1)020B2(2) 0.9 6 593D685(1)020B2(2) 1.4 6 593D106(1)020B2(2) 2.0 6 593D106(1)020C2(2) 2.0 6 593D156(1)020B2(2) 3.0 6 593D156(1)020C2(2) 3.0 6 593D226(1)020C2(2) 4.4 6 593D226(1)020D2(2) 3.5 4 593D336(1)020C2(2) 6.6 6 593D336(1)020D2(2) 6.6 6 593D476(1)020D2(2) 9.4 6 593D476(1)020E2(2) 7.5 4 593D686(1)020D2(2) 13.6 6 593D686(1)020E2(2) 13.6 6 593D107(1)020E2(2) 20.0 8 PART NUMBER MAX. ESR AT + 25 C 100 kHz () 0.600 0.300 0.200 0.275 0.150 0.200 0.100 0.100 0.100 0.125 0.100 0.100 3.500 2.500 1.500 3.000 1.700 0.800 0.450 0.800 0.400 0.700 0.350 0.700 0.300 0.225 0.300 0.150 0.150 0.125 0.100 0.100 5.500 4.000 4.000 3.500 1.000 1.000 1.000 0.450 1.000 0.400 0.375 0.225 0.350 0.200 0.200 0.150 0.175 0.150 0.150 MAX. RIPPLE 100 kHz Irms (A) 0.38 0.61 0.87 0.63 1.00 0.74 1.22 1.22 1.28 1.10 1.28 1.28 0.15 0.17 0.24 0.16 0.21 0.33 0.49 0.33 0.52 0.35 0.56 0.35 0.61 0.82 0.61 1.00 1.00 1.10 1.28 1.28 0.12 0.14 0.14 0.15 0.29 0.29 0.29 0.49 0.29 0.52 0.54 0.82 0.56 0.87 0.87 1.05 0.93 1.05 1.05
47 47 47 68 68 100 100 150 150 220 220 330 3.3 4.7 4.7 6.8 10 10 10 15 15 22 22 33 33 33 47 47 68 100 100 150 1.0 2.2 3.3 4.7 4.7 6.8 10 10 15 15 22 22 33 33 47 47 68 68 100
B C D C D C D D E D E E A A B A A B C B C B C B C D C D D D E E A A A A B B B C B C C D C D D E D E E
Notes: * (1) Tolerance: X0, X9, X5 * (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
www.vishay.com 4
For technical questions, contact: tantalum@vishay.com
Document Number: 40005 Revision: 20-Oct-08
593D
Solid Tantalum Surface Mount Capacitors TANTAMOUNT(R) , Molded Case, Low ESR
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE (F) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 C (A) MAX. DF AT + 25 C 120 Hz (%) 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 4 4 4 4 6 6 6 6 6 6 6 6 6 6 6 6 6 6 4 4 6 6 6 6 6 6 6 6 6 6 6 MAX. ESR AT + 25 C 100 kHz () 4.000 4.000 4.000 1.500 1.500 1.500 0.525 0.500 0.450 0.425 0.250 0.200 0.200 0.200 0.200 4.000 4.000 4.000 2.000 2.000 0.900 2.000 0.900 0.700 0.500 0.475 0.300 0.450 0.300 0.300 0.300 0.300 0.275 2.000 1.600 2.000 1.500 1.500 0.800 1.500 0.800 0.600 0.600 0.600 0.550 0.550 MAX. RIPPLE 100 kHz Irms (A) 0.14 0.14 0.14 0.24 0.24 0.24 0.46 0.47 0.49 0.51 0.77 0.87 0.87 0.91 0.91 0.14 0.14 0.14 0.21 0.21 0.35 0.21 0.40 0.45 0.47 0.48 0.71 0.49 0.71 0.71 0.74 0.71 0.77 0.21 0.26 0.21 0.27 0.27 0.43 0.27 0.43 0.50 0.50 0.50 0.55 0.55
Vishay Sprague
1.0 1.5 2.2 2.2 3.3 4.7 4.7 6.8 10 15 15 22 33 33 47 0.47 0.68 1.0 1.0 1.5 1.5 2.2 2.2 3.3 4.7 6.8 6.8 10 10 15 15 22 22 1.0 1.0 1.5 1.5 2.2 2.2 3.3 3.3 4.7 4.7 6.8 6.8 10
A A A B B B C C C C D D D E E A A A B B C B C C C C D C D D E D E B C B C C D C D D E D E E
25 VDC AT + 85 C, 17 VDC AT + 125 C 593D105(1)025A2(2) 0.5 593D155(1)025A2(2) 0.5 593D225(1)025A2(2) 0.5 593D225(1)025B2(2) 0.6 593D335(1)025B2(2) 0.8 593D475(1)025B2(2) 1.2 593D475(1)025C2(2) 1.2 593D685(1)025C2(2) 1.7 593D106(1)025C2(2) 2.5 593D156(1)025C2(2) 3.8 593D156(1)025D2(2) 3.8 593D226(1)025D2(2) 5.5 593D336(1)025D2(2) 8.3 593D336(1)025E2(2) 8.3 593D476(1)025E2(2) 11.8 35 VDC AT + 85 C, 23 VDC AT + 125 C 593D474(1)035A2(2) 0.5 593D684(1)035A2(2) 0.5 593D105(1)035A2(2) 0.5 593D105(1)035B2(2) 0.5 593D155(1)035B2(2) 0.5 593D155(1)035C2(2) 0.5 593D225(1)035B2(2) 0.8 593D225(1)035C2(2) 0.8 593D335(1)035C2(2) 1.2 593D475(1)035C2(2) 1.6 593D685(1)035C2(2) 2.4 593D685(1)035D2(2) 2.4 593D106(1)035C2(2) 3.5 593D106(1)035D2(2) 3.5 593D156(1)035D2(2) 5.3 593D156(1)035E2(2) 5.3 593D226(1)035D2(2) 7.7 593D226(1)035E2(2) 7.7 50 VDC AT + 85 C, 33 VDC AT + 125 C 593D105(1)050B2(2) 0.5 593D105(1)050C2(2) 0.5 593D155(1)050B2(2) 0.8 593D155(1)050C2(2) 0.8 593D225(1)050C2(2) 1.1 593D225(1)050D2(2) 1.1 593D335(1)050C2(2) 1.7 593D335(1)050D2(2) 1.7 593D475(1)050D2(2) 2.4 593D475(1)050E2(2) 1.9 593D685(1)050D2(2) 3.4 593D685(1)050E2(2) 3.4 593D106(1)050E2(2) 5.0
Notes: * (1) Tolerance: X0, X9, X5 * (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W Document Number: 40005 Revision: 20-Oct-08 For technical questions, contact: tantalum@vishay.com www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 593D107X0010A2TE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X