Part Number Hot Search : 
MV8742 AN391 DM9095 M48Z02 TY245ALZ AHC1G125 D4050BC SBP1660
Product Description
Full Text Search
 

To Download 38019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ONE PHASE POWER DISTRIBUTION BLOCKS
* * * * Quick mounting and wiring IP20 Finger Safe DIN Rail or Panel Mount Blocks fit with other DIN Rail mountable modular devices (height 95mm, depth 44.5mm) * Accessories increase the number of outputs with only one input (applies only to 38041 and 38032) * No caps to open or remove * Material Housing: Polyamide Metal Body: Brass
Part Number: White Gray Approvals Current Rating Voltage Rating No. of Inputs Wire Range Torque Screw Type No. of Outputs Wire Range Torque Wire Range Torque Screw Type Optional Marking Tag *(for DB16 and DB35) 80A 600V AC 1 8-4 AWG 13.5lb.-in.
38049
38041
SCCR: 100kA
38049 (UL File E98082) DB16 (UL File E220514)
SCCR: 100kA
38041 (UL File E98082) DB35 (UL File E220514)
80A 690V AC 1 6-16mm2 1.5Nm
115A 600V AC 1 8-2 AWG 31lb.-in.
125A 690V AC 1 10-35mm2 3.5Nm
UL1059
Pozi Drive 2 6 6 (2x)8-4 AWG (2x)6-16mm2 13.5lb.-in. 1.5Nm (4x)14-10 AWG (4x)2.5-6mm2 7.2lb.-in. 0.8Nm Pozi Drive 2 MT2*
40lb.-in. for DB35 Pozi Drive 2
6 14-6 AWG 17.5lb.-in.
6 2.5-16mm2 2Nm
Pozi Drive 2 MT2*
Dimensions:
38041
Fork Type Busbar 38045
38041
Accessories: Fork Type Busbar Part No: 38045 to jump 2 Blocks 38046 to jump 8 Blocks can be cut Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
26
38076
38032
38074
SCCR: 100kA
Part Number: Approvals Current Rating Voltage Rating No. of Inputs Wire Range Torque Screw Type No. of Outputs Wire Range Torque Screw Type
UL File E98082
SCCR: 100kA
38032
UL File E98082
SCCR: 100kA
38074
UL File E98082
38076
115A
125A 690V AC 1 10-35mm2 6Nm Hex 4 10 2.5-16mm2 3Nm Hex 3
160A
160A 690V AC 1 10-70mm2 4Nm Hex 5 6 2.5-16mm2 2Nm Hex 3
175A
175A 690V AC 1 16-70mm2 6Nm Hex 5 10 2.5-16mm2 3Nm Hex 3
600V AC 1 8-2 AWG 53lb.-in. 10 14-4 AWG 26.5lb.-in.
600V AC 1 8-2/0AWG 35.5lb.-in. 6 14-6 AWG 17.5lb.-in.
600V AC 1 6-2/0AWG 53lb.-in. 10 14-4 AWG 26.5lb.-in.
Dimensions:
17.4 mm (0.69 in)
71 mm (2.80 in)
17.4 mm (0.69 in)
71 mm (2.80 in)
17.4 mm (0.69 in)
17.4 mm (0.69 in) 17.4 mm (0.69 in)
17.4 mm (0.69 in)
17.4 mm (0.69 in) 17.4 mm (0.69 in)
38032
38032
Copper Jumper Bar 3803221
Accessories: Copper Jumper Bar (6x15 mm) Part No: 3803221 for 2 Blocks 3803231 for 3 Blocks 3803241 for 4 Blocks can be cut Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com
UL1059
27
ONE PHASE POWER DISTRIBUTION BLOCKS
Quick mounting and wiring IP20 Finger Safe DIN Rail or Panel Mount Blocks fit with other DIN Rail mountable modular devices (height 95mm, depth 44.5mm) * Accessories increase the number of outputs with only one input. * No caps to open or remove * Material Housing: Polyamide Metal Body: Brass * * * * 38020 38019
SCCR: 100kA
Part Number: Approvals Current Rating Voltage Rating No. of Inputs Wire Range Torque Screw Type No. of Outputs Wire Range Torque Wire Range Torque Wire Range Torque Screw Type
UL File E98082
SCCR: 100kA
38019
UL File E98082
38020
230A 600V AC 1 2-4/0AWG 170lb.-in.
250A 690V AC 1 35-120mm2 19Nm
310A 600V AC 1 3/0-350kcmil 230lb.-in.
400A 690V AC 1 95-185mm2 25Nm
UL1059
Hex 6 11 11 (2x) 14-2AWG (2x) 2.5-35mm2 31lb.-in. 3.5Nm (5x) 14-6AWG (5x) 2.5-16mm2 17.5lb.-in. 2Nm (4x) 14-8AWG (4x) 2.5-10mm2 17.5lb.-in. 2Nm standard screwdriver
Hex 8 11 11 (2x) 14-2AWG (2x) 2.5-35mm2 31lb.-in. 3.5Nm (5x) 14-6AWG (5x) 2.5-16mm2 17.5lb.-in. 2Nm (4x) 14-8AWG (4x) 2.5-10mm2 17.5lb.-in. 2Nm standard screwdriver
Dimensions:
28
Altech Corp.(R) * t 908-806-9400 * f 908-806-9490 * www.altechcorp.com


▲Up To Search▲   

 
Price & Availability of 38019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X