Part Number Hot Search : 
2SK3058 SM1001 30CPF10 BYG20 KA22427 MAX1643 SPN7002K SURKWA
Product Description
Full Text Search
 

To Download 2SK2928 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2928
Silicon N Channel MOS FET High Speed Power Switching
REJ03G1042-0400 (Previous: ADE-208-551B) Rev.4.00 Sep 07, 2005
Features
* Low on-resistance RDS(on) = 0.040 typ. * 4 V gate drive devices. * High speed switching
Outline
RENESAS Package code: PRSS0004AC-A (Package name: TO-220AB)
D G 1. Gate 2. Drain (Flange) 3. Source S
1
2
3
Rev.4.00 Sep 07, 2005 page 1 of 7
2SK2928
Absolute Maximum Ratings
(Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Avalanche current Avalanche energy Channel dissipation Channel temperature Storage temperature Notes: 1. PW 10 s, duty cycle 1 % 2. Value at Ta = 25C 3. Value at Tch = 25C, Rg 50 Symbol VDSS VGSS ID ID(pulse)Note1 IDR IAP Note3 EAR Note3 Pch Note2 Tch Tstg Ratings 60 20 15 60 15 15 19 40 150 -55 to +150 Unit V V A A A A mJ W
C C
Electrical Characteristics
(Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Zero gate voltage drain current Gate to source leak current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time Note: 4. Pulse test Symbol V(BR)DSS V(BR)GSS IDSS IGSS VGS(off) RDS(on) RDS(on) |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr Min 60 20 -- -- 1.5 -- -- 7 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 0.040 0.060 11 500 260 110 10 80 100 110 0.9 50 Max -- -- 10 10 2.5 0.052 0.105 -- -- -- -- -- -- -- -- -- -- Unit V V A A V S pF pF pF ns ns ns ns V ns Test Conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VDS = 60 V, VGS = 0 VGS = 16 V, VDS = 0 ID = 1 mA, VDS = 10 V ID = 8 A, VGS = 10 V Note4 ID = 8 A, VGS = 4 V Note4 ID = 8 A, VDS = 10 V Note4 VDS = 10 V, VGS = 0, f = 1 MHz VGS = 10 V, ID = 8 A, RL = 3.75
IF = 15 A, VGS = 0 IF = 15 A, VGS = 0 diF/ dt =50 A/s
Rev.4.00 Sep 07, 2005 page 2 of 7
2SK2928
Main Characteristics
Power vs. Temperature Derating
80 0 1000 300
Maximum Safe Operation Area
Channel Dissipation Pch (W)
Drain Current ID (A)
60
100 30 10 3 1 0.3
DC
10
PW
Op er
40
=
1
10 m
(T
10
s
0 m s s
1s ho t )
ati
s(
on
20
Operation in this area is limited by RDS(on) 3
c=
25
C )
0
50
100
150
200
0.1 Ta = 25C 0.1 0.3 1
10
30
100
Case Temperature TC (C)
Drain to Source Voltage VDS (V)
Typical Output Characteristics
10 V 6 V 5 V 20 4 .5 V 4V 20
Typical Transfer Characteristics
VDS = 10 V Pulse Test
Drain Current ID (A)
12 3.5 V 8 3V 4
VGS = 2.5 V
Drain Current ID (A)
16
Pulse Test
16
12
8 Tc = 75C
25C
4
-25C 10 0 1 2 3 4 5
0
2
4
6
8
Drain to Source Voltage VDS (V) Drain to Source Saturation Voltage vs. Gate to Source Voltage
Drain to Source Saturation Voltage VDS (on) (V)
2.0 Pulse Test
Gate to Source Voltage VGS (V) Static Drain to Source on State Resistance vs. Drain Current
1.0 Pulse Test 0.5 0.2 0.1 0.05 10 V 0.02 0.01 1 2 5 10 20 50 100
VGS = 4 V
1.6
1.2 ID = 20 A
0.8
0.4
10 A 5A
0
4
8
12
16
20
Gate to Source Voltage VGS (V)
Static Drain to Source on State Resistance RDS (on) ()
Drain Current ID (A)
Rev.4.00 Sep 07, 2005 page 3 of 7
2SK2928
Static Drain to Source on State Resistance vs. Temperature
Forward Transfer Admittance yfs (S)
0.20 Pulse Test 0.16 ID = 10 A
VGS = 4 V
Static Drain to Source on State Resistance RDS (on) ()
Forward Transfer Admittance vs. Drain Current
20 10 5
Tc = -25C 25C
0.12
5A
0.08
2 1 0.5 0.1 0.2
75C
0.04 10 V 0 -40 0 40
20 A 10 A 5 A
VDS = 10 V Pulse Test
80
120
160
0.5
1
2
5
10 20
Case Temperature TC (C) Body to Drain Diode Reverse Recovery Time
500
Drain Current ID (A) Typical Capacitance vs. Drain to Source Voltage
2000 1000
Reverse Recovery Time trr (ns)
Capacitance C (pF)
200 100 50 20 10 5 0.1 0.2
di / dt = 50 A / s VGS = 0, Ta = 25C
500 200 100 50 20 10
VGS = 0 f = 1 MHz
Ciss
Coss
Crss
0.5
1
2
5
10 20
0
10
20
30
40
50
Reverse Drain Current IDR (A)
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Drain to Source Voltage VDS (V)
ID = 15 A
Switching Characteristics
Gate to Source Voltage VGS (V)
20 1000 300
td(off)
100
VGS
Switching Time t (ns)
80
VDS VDD = 10 V 25 V 50 V
16
100 30 10 3 1 0.1
VGS = 10 V, VDD = 30 V PW = 5 s, duty < 1 % tf tr td(on)
60
12
40
8
20
VDD = 50 V 25 V 10 V
4 0 400
0
8
16
24
32
0.2
0.5
1
2
5
10 20
Gate Charge Qg (nc)
Drain Current ID (A)
Rev.4.00 Sep 07, 2005 page 4 of 7
2SK2928
Reverse Drain Current vs. Source to Drain Voltage Maximum Avalanche Energy vs. Channel Temperature Derating
Repetitive Avalanche Energy EAR (mJ)
(A)
20
25
IAP = 15 A VDD = 25 V duty < 0.1 % Rg > 50
Reverse Drain Current IDR
16
10 V 5V
VGS = 0, -5 V
20
12
15
8
10
4 Pulse Test 0 0.4 0.8 1.2 1.6 2.0
5 0 25
50
75
100
125
150
Source to Drain Voltage
VSD (V)
Channel Temperature Tch (C)
Normalized Transient Thermal Impedance vs. Pulse Width
Normalized Transient Thermal Impedance s (t)
3 Tc = 25C 1 D=1 0.5 0.3
0.2
0.1
0.1
0.05
ch - c(t) = s (t) * ch - c ch - c = 3.12C/W, Tc = 25C
PDM PW T
0.03
0.02 1 lse 0.0 t pu o h 1s
D=
PW T
0.01 10
100
1m
10 m
100 m
1
10
Pulse Width Avalanche Test Circuit
VDS Monitor L IAP Monitor
PW (S) Avalanche Waveform
EAR = 1 2 * L * IAP2 * VDSS VDSS - VDD V(BR)DSS IAP
Rg
D. U. T
VDD
VDS
ID
Vin 15 V 50 0 VDD
Rev.4.00 Sep 07, 2005 page 5 of 7
2SK2928
Switching Time Test Circuit
Vin Monitor D.U.T. RL Vin Vin 10 V 50 VDD = 30 V Vout 10% 10% 10% Vout Monitor
Switching Time Waveforms
90%
90% td(on) tr
90% td(off) tf
Rev.4.00 Sep 07, 2005 page 6 of 7
2SK2928
Package Dimensions
JEITA Package Code
SC-46
RENESAS Code
PRSS0004AC-A
Package Name TO-220AB / TO-220ABV
MASS[Typ.] 1.8g
Unit: mm
11.5 Max
2.79 0.2
10.16 0.2 9.5 8.0 3.6
+0.2 -0.1
+0.1 -0.08
4.44 0.2 1.26 0.15
6.4
18.5 0.5
15.0 0.3
1.27
2.7 Max
7.8 0.5
0.76 0.1
14.0 0.5
1.5 Max
2.54 0.5
2.54 0.5
0.5 0.1
Ordering Information
Part Name 2SK2928-E Quantity 500 pcs Box (Sack) Shipping Container
Note: For some grades, production may be terminated. Please contact the Renesas sales office to check the state of production before ordering the product.
Rev.4.00 Sep 07, 2005 page 7 of 7
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> 2-796-3115, Fax: <82> 2-796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .3.0


▲Up To Search▲   

 
Price & Availability of 2SK2928

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X