Part Number Hot Search : 
MCP6241 HV841 DAC10FX FN3158 2815S SMB5925B LA4425PV OM5234
Product Description
Full Text Search
 

To Download 2SK1828 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK1828
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
MOSFET
Unit: mm
Features
+0.1 2.4-0.1
Low Threshold Voltage :Vth=0.5 to 1.5V
1 2
+0.1 0.95-0.1 +0.1 1.9-0.1
+0.1 1.3-0.1
2.5V Gate Drive
High Speed
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 1 GATE 2.Emitter 2 SOURCE 3.collector 3 DRAIN
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature * PW 10ms, duty cycle 5% Symbol VDSS VGSS ID PD Tch Tstg Rating 20 10 50 200 150 -55 to +150 Unit V V mA mW
Electrical Characteristics Ta = 25
Parameter Drain source breakdown voltage Drain cut-off current Gate leakage current Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Switching time turn on time Switching time turn off time Symbol VDSS IDSS IGSS Yfs Testconditons ID=100 A,VGS=0 VDS=20V,VGS=0 VGS=10V,VDS=0 VDS=3.0V,ID=10mA 20 25 5.5 VDS=3.0V,VGS=0,f=1MHZ 1.6 6.5 ID=10mA,VGS(on)=0 to 2.5V,VDD=3.0V 0.14 0.14 40 pF pF pF s s Min 20 1.0 1 Typ Max Unit V A A ms
RDS(on) VGS=2.5V,ID=10mA Ciss Coss Crss ton toff
Marking
Marking KI
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK1828

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X