Part Number Hot Search : 
74HC4040 STS2320 HYS64 BLM03 CD5340B 51216 SIS430DN SU867070
Product Description
Full Text Search
 

To Download 2SK1621L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1621 L , 2SK1621 S
Silicon N-Channel MOS FET
Application
LDPAK
High speed power switching
Features
1 2
* * * * *
Low on-resistance High speed switching Low drive current No secondary breakdown Suitable for switching regulator, DC-DC converter and motor driver
3 1 2 3
2, 4 S type 1 1. Gate 2. Drain 3. Source 4. Drain 3
L type
Table 1 Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Symbol VDSS VGSS ID ID(pulse)* IDR Pch** Tch Tstg Ratings 250 20 7 28 7 50 150 -55 to +150 Unit V V A A A W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- * PW 10 s, duty cycle 1 % ** Value at TC = 25 C
2SK1621 L , 2SK1621 S
Table 2 Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static Drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time * Pulse Test See characteristic curves of 2SK741. Symbol V(BR)DSS V(BR)GSS IGSS IDSS VGS(off) RDS(on) |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr Min 250 Typ -- Max -- Unit V Test Conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = 200 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 4 A, VGS = 10 V * ID = 4 A, VDS = 10 V * VDS = 10 V, VGS = 0, f = 1 MHz
--------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
20 -- -- V
--------------------------------------------------------------------------------------
-- -- 2.0 -- -- -- -- 0.40 10 250 4.0 0.55 A A V
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
2.7 -- -- -- -- -- -- -- -- 4.5 820 370 115 12 48 70 50 1.2 -- -- -- -- -- -- -- -- -- S pF pF pF ns ns ns ns V IF = 7 A, VGS = 0 IF = 7 A, VGS = 0, diF/dt = 50 A/s ID = 4 A, VGS = 10 V, RL = 7.5
-------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- 400 -- ns
--------------------------------------------------------------------------------------
2SK1621 L , 2SK1621 S
Power vs. Temperature Derating 60 Channel Dissipation Pch (W)
40
20
0
50 100 Case Temperature TC (C)
150


▲Up To Search▲   

 
Price & Availability of 2SK1621L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X