Part Number Hot Search : 
MV50152 VS9LAVI W24129A CSC2073 330KL 11SC01 UF2810P 221M16
Product Description
Full Text Search
 

To Download 2SK1399 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK1399
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
MOSFET
Unit: mm
+0.1 2.4-0.1
Not necessary to consider driving current because of it is high input impedance Possible to reduce the number of parts by omitting the bias resistor
+0.1 1.3-0.1
Can be driven by a 3.0-V power source
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
Features
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 1 GATE 2.Emitter 2 SOURCE 3.collector 3 DRAIN
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current (DC) Drain current(pulse) * Power dissipation Channel temperature Storage temperature * PW 10ms, duty cycle 5% Symbol VDSS VGSS ID ID PD Tch Tstg Rating 50 7.0 100 200 200 150 -55 to +150 Unit V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS Testconditons VDS=50V,VGS=0 VGS= 7.0V,VDS=0 0.9 20 1.2 38 22 14 8 VDS=3.0V,VGS=0,f=1MHZ 7 3 15 ID=20mA,VGS(on)=3V,RL=150 ,VDD=3.0V,RG=10 100 30 35 40 20 pF pF pF ns ns ns ns Min Typ Max 10 5.0 1.5 Unit A A V ms
VGS(off) VDS=3.0V,ID=1 A Yfs RDS(on) Ciss Coss Crss td(on) tr td(off) tf VDS=3.0V,ID=10mA VGS=2.5V,ID=10mA VGS=4.0V,ID=10mA
Marking
Marking G12
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK1399

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X