Part Number Hot Search : 
20TTS 80060 NSR01 RGP10M ACS70 E35018 D1013 FB100
Product Description
Full Text Search
 

To Download 2SD1815 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
High-Current Switching Applications 2SD1815
TO-252
Transistors
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
Low collector-to-emitter saturation voltage. Excllent linearity of hFE.
+0.2 9.70 -0.2
+0.15 1.50 -0.15
6.50 +0.2 5.30-0.2
+0.15 -0.15
Fast switching time.
+0.1 0.80-0.1
+0.15 0.50 -0.15
High fT.
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation Jumction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 120 100 6 3 6 1 150 -55 to +150 Unit V V V A A W
3.80
www.kexin.com.cn
1
SMD Type
2SD1815
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Output capacitance Collector-emitter saturation voltage Base-to-emitter saturation voltage Collector-to-base breakdown voltage Collector-to-emitter breakdown voltage Emitter-to-base breakdown voltage Turn-on time Symbol ICBO IEBO hFE fT Cob VCE(sat) VBE(sat) Testconditons VCB = 100V , IE = 0 VEB = 4V , IC = 0 VCE = 5V , IC = 0.5A VCE = 5V , IC = 2A VCE = 10V , IC = 0.5A VCB = 10V , f = 1MHz IC = 1.5A , IB = 0.15A IC = 1.5A , IB = 0.15A 70 40
Transistors
Min
Typ
Max 1 1 400
Unit iA iA
180 25 150 0.9 120 100 6 100 400 1.2
MHz pF mV V V V V ns
V(BR)CBO IC = 10iA , IE = 0 V(BR)CEO IC = 1mA , RBE = V(BR)EBO IE = 10iA , IC = 0 ton
Storage time
tstg
900
ns
Fall time
tf
50
ns
hFE Classification
Rank hFE Q 70 140 R 100 200 S 140 280 T 200 400
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SD1815

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X