Part Number Hot Search : 
MJD31 M1117 72V32 1N4003ID FFVS6C06 EVKIT SC1302B SS4R7
Product Description
Full Text Search
 

To Download 2SC5343SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Transistor 2SC5343SF
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors IC
Unit: mm
Features
+0.1 2.4-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
Low output capacitance:Cob=2pF(Typ.)
+0.1 1.3-0.1
Low collector saturation voltage: VCE=0.25V(Max.)
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating 60 50 5 150 200 150 -55 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current DC current transfer ratio Collector-emitter saturation voltage Transition frequency Output capacitance Noise figure Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE
IC=100iA
Testconditons , IE=0
Min 60 50 5
Typ
+0.1 0.38-0.1
0-0.1
Max
Unit V V V
IC=1mA , IB=0 IE=10iA, IC=0 VCB=60V, IE=0 VEB=5V, IC=0 VCE=6V, IC=2mA
0.1 0.1 70 700 0.25 80 2 3.5 10
iA iA
VCE(sat) IC/IB=100mA/10mA fT Cob NF VCE=10V, IC=1mA, VCB=10V, IE=0, f=1MHz VCE=6V, IC=0.1mA, f=1KHz, Rg=10kU
V MHz pF dB
hFE Classification
Marking Rank hFE O 70 140 Y 120 240 DA G 200 400 L 300 700
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC5343SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X