Part Number Hot Search : 
12NK90Z SKI06073 8F400 GA128 041006KE 15A50 41791 BFU520A
Product Description
Full Text Search
 

To Download 2SC5287 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5287
DESCRIPTION With TO-3PN package High voltage,high speed switching APPLICATIONS For switching regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 900 Collector-base voltage Open emitter Collector-emitter voltage Open base 550 7 Emitter-base voltage Open collector Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25ae 5 10 2.5 80 150 -55~150
UNIT V V V A A A W ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SC5287
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA ;IB=0
550
V
VCEsat
Collector-emitter saturation voltage
IC=1.8A; IB=0.36A
0.5
V
VBEsat
Base-emitter saturation voltage
IC=1.8A; IB=0.36A
1.2
V
ICBO
Collector cut-off current
VCB=800V; IE=0
100
|I
A
IEBO
Emitter cut-off current
VEB=7V; IC=0
100
|I
A
hFE
DC current gain
IC=1.8A ; VCE=4V
10
25
COB
fT
Switching times
ton
ts
TOR NDU ICO E SEM ANG INCH
Transition frequency IE=-0.35A ; VCE=12V 6 Turn-on time Storage time IC=1.8A; RL=139| IB1=0.27A; IB2=-0.9A VCC=250V Fall time
Output capacitance
IE=0 ; VCB=10V;f=1MHz
50
pF
MHz
0.7
|I
s
4.0
|I
s
tf
0.5
|I
s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC5287
TOR NDU ICO E SEM ANG INCH
Fig.2 outline dimensions (unindicated tolerance:A 0.1mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5287
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SC5287

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X