Part Number Hot Search : 
MTP50W VSSRC 1307028 EB15D7 TA78L007 2SB1603A VTS80 CDBU0140
Product Description
Full Text Search
 

To Download 2SC4940 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4940
DESCRIPTION With ITO-220 package Switching power transistor
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (ITO-220) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PT Tj Tstg
TOR NDU ICO E SEM ANG INCH
PARAMETER CONDITIONS VALUE 1200 550 7 Collector-base voltage Open emitter Collector-emitter voltage Open base Emitter-base voltage Open collector Collector current 4 Collector current-Peak 8 Base current Base current-peak Total power dissipation Junction temperature Storage temperature TC=25ae 2 4 30 150 -55~150
UNIT V V V A A A A W ae ae
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction case MAX 4.16 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4940
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current At rated volatge ICEO IEBO hFE-1 hFE-2 fT Collector cut-off current Emitter cut-off current DC current gain DC current gain At rated volatge IC=2A ; VCE=5V IC=1mA ; VCE=5V 10 10 0.1 mA 0.1 mA CONDITIONS IC=0.1A ;IB=0 IC=2A; IB=0.4A IC=2A; IB=0.4A MIN 550 1.0 1.5 TYP. MAX UNIT V V V
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO
Switching times ton ts tf
TOR NDU ICO E SEM ANG INCH
Transition frequency IC=0.4A ; VCE=10V 10 Turn-on time Storage time 0.8 IC=2A;IB1=0.4A IB2=0.8A ,RL=75| VBB2=4V 3.0 Fall time 0.3
MHz
|I |I |I
s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4940
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions (unindicated tolerance:A 0.20 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC4940

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X