Part Number Hot Search : 
GL1F20 FM8P54 4745A SR120 AP1L3N SMV2640L H1001AUF T1100
Product Description
Full Text Search
 

To Download 2SC4098 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
High-frequency Amplifier Transistor 2SC4098
Transistors IC
Features
Low collector capacitance. (Cob : Typ. 1.3pF) Low rbb, high gain, and excellent noise characteristics.
1 Emitter 2 Base 3 Collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating 40 25 5 50 0.2 150 -55 to +150 Unit V V V mA W
Electrical Characteristics Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage Forward current transfer ratio Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO IC=50iA IC=1mA IE=50iA VCB=24V VEB=3V 0.1 82 150 300 1.3 2.2 Testconditons Min 40 25 5 0.5 0.5 0.3 180 MHz pF Typ Max Unit V V V iA iA V
VCE(sat) IC/IB=10mA/1mA hFE fT Cob VCE=6V, IC=1mA VCE=6V, IE= -1mA, f=100MHz VCB=6V, IE=0A, f=1MHz
Marking
Marking AP
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC4098

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X