Part Number Hot Search : 
MS69N68 P3010 PTM10 MBRF201 CS120 IRFU3910 MS4E5 D74HC3
Product Description
Full Text Search
 

To Download 2SC4057 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4057
DESCRIPTION With TO-247 package High voltage;high speed Switching power transistor
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-247) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PD Tj Tstg PARAMETER Collector-base voltage CONDITIONS Open emitter Open base
Collector-emitter voltage
Emitter-base voltage

CHA IN
Base current Base current-Peak
Collector current (DC)
Collector current-Peak
E SEM NG
TC=25ae
Open collector
OND IC
TOR UC
600 450 7 8 16 4 8 80 150 -55~150
VALUE
UNIT V V V A A A A W ae ae
Total power dissipation Junction temperature Storage temperature
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction to case MAX 1.56 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current At rated voltage ICEO IEBO hFE-1 hFE-2 fT Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency At rated voltage IC=4A ; VCE=5V IC=1mA ; VCE=5V IC=0.8A ; VCE=10V 10 5 CONDITIONS IC=0.2A; IB=0 IC=4A ;IB=0.8A IC=4A ;IB=0.8A MIN 450 TYP.
2SC4057
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO
MAX
UNIT V
1.0 1.5
V V
0.1
mA
0.1
mA
Switching times resistive load ton ts tf Turn-on time Storage time
Fall time

CHA IN
E SEM NG
OND IC
TOR UC
20 0.5 2.0 0.2
MHz
|I |I |I
s s s
IC=4A IB1=0.8A; IB2=1.6A VBB2=4V ,RL=37.5|
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4057

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC4057

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X