Part Number Hot Search : 
1SMB17CA RU1H80P AX232 CBM5D20 1502B B1524 HMT325 00222
Product Description
Full Text Search
 

To Download 2SC4055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4055
DESCRIPTION With TO-220C package High voltage,High speed switching High reliability
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PC Tj Tstg PARAMETER Collector-base voltage CONDITIONS Open emitter Open base VALUE 600 UNIT V V V A A A A W ae ae
Collector-emitter voltage
Emitter-base voltage

Collector current
INC
Collector current-peak
Base current
E SEM ANG H
TC=25ae
Open collector
DUC CON I
450 7 8 16 4 8 60
TOR
Base current-peak
Collector dissipation Junction temperature Storage temperature
150 -55~150
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction to case MAX 2.08 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.2A ; IB=0 IC=4A; IB=0.8A IC=4A; IB=0.8A At rated voltage At rated voltage At rated voltage IC=4A ; VCE=5V IC=1mA ; VCE=5V IC=0.8A ; VCE=10V 10 5 MIN 450 TYP.
2SC4055
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO ICEO IEBO hFE-1 hFE-2 fT
MAX
UNIT V
1.0 1.5 0.1 0.1 0.1
V V mA mA mA
Switching times Ton tstg tf
Fall time

Turn-on time
INC
Storage time
E SEM ANG H
OND IC
TOR UC
20 0.5 2.0 0.2
MHz
|I |I |I
s s s
IC=4A;IB1=0.8A; IB2=1.6A;RL=37.5| VBB2=4V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4055

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC4055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X