Part Number Hot Search : 
MC74HC20 CSA614 SMAJ110A PSBT55 SSR2N60A MGF1423B H216C HEF40
Product Description
Full Text Search
 

To Download 2SC4026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4026
DESCRIPTION With TO-220Fa package High breakdown voltage High speed switching Wide area of safe operation (SOA) APPLICATIONS For high breakdown voltage high-speed switching applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER

INC
Collector-base voltage
Collector-emitter voltage
E SEM ANG H
Open base
OND IC
CONDITIONS
TOR UC
VALUE 500 400 7 5 10 1.5 UNIT V V V A A A
Open emitter
Emitter-base voltage
Open collector
Collector current Collector current-peak Base current TC=25ae
35 W 2 150 -55~150 ae ae
PC
Collector power dissipation Ta=25ae
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=10mA , IB=0 IC=2A ;IB=0.4A IC=2A ;IB=0.4A VCB=500V; IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V IC=2A ; VCE=5V IC=0.5A ; VCE=10V;f=1MHz 15 8 5 MIN 400 TYP.
2SC4026
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT
MAX
UNIT V
1.0 1.5 100 100 |I |I
V V A A
Switching times ton ts tf
Fall time
Turn-on time Storage time

INC
E SEM ANG H
IC=2A ;IB1=0.4A;IB2=-0.8A VCC=150V
OND IC
TOR UC
0.7 2.0 0.3
MHz
|I |I |I
s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4026

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4026

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC4026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X