|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Inchange Semiconductor Product Specification Silicon NPN Power Transistors 2SC3988 DESCRIPTION With TO-3PN package High breakdown voltage high reliability. Wide area of safe operation Fast switching speed APPLICATIONS 500V/25A switching regulator applications PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION Absolute maximum ratings(Ta=ae ) SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg PARAMETER Collector-base voltage INC Collector-emitter voltage Emitter-base voltage E SEM ANG H Open base Open emitter OND IC CONDITIONS TOR UC VALUE 800 500 7 25 40 8 UNIT V V V A A A W ae ae Open collector Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25ae 150 150 -55~150 Inchange Semiconductor Product Specification Silicon NPN Power Transistors CHARACTERISTICS Tj=25ae unless otherwise specified 2SC3988 SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEX(SUS) VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=1mA ; IE=0 IC=5mA ;RBE= IC=1mA ;IC=0 IC=10A;IB1=-IB2=2A; L=200|I H IC=12A; IB=2.4A IC=12A; IB=2.4A VCB=500V; IE=0 VEB=5V; IC=0 IC=2.4A ; VCE=5V IC=12A ; VCE=5V MIN 800 500 7 500 TYP. MAX UNIT V V V V 1.0 1.5 10 10 15 8 |I |I V V A A DC current gain Output capacitance Switching times ton tstg tf CHA IN Turn-on time Storage time Fall time Transition frequency E SEM NG IE=0 ; VCB=10V;f=1MHz IC=2.4A ; VCE=10V OND IC TOR UC 50 260 18 0.5 |I |I |I pF MHz s s s 5IB1=-2.5IB2= IC=14A VCCO 200V;RL=14.3| 3.0 0.3 hFE-1 Classifications L 15-30 M 20-40 N 30-50 2 Inchange Semiconductor Product Specification Silicon NPN Power Transistors PACKAGE OUTLINE 2SC3988 CHA IN E SEM NG OND IC TOR UC Fig.2 outline dimensions (unindicated tolerance:A 0.1mm) 3 Inchange Semiconductor Product Specification Silicon NPN Power Transistors 2SC3988 CHA IN E SEM NG OND IC TOR UC 4 |
Price & Availability of 2SC3988 |