Part Number Hot Search : 
ENC471 CSD1134 2SK48 3502W LT10K555 PE55GB80 BZX84 C3211
Product Description
Full Text Search
 

To Download 2SC3837K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Power Transistor 2SC3837K
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
Features
+0.1 2.4-0.1
High transition frequency. (Typ. fT = 1.5GHz) Small rbb'.Cc and high gain. (Typ. 6ps)
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature * Single pulse Pw=100ms. Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating 30 18 3 50 0.2 150 -55 to +150 Unit V V V mA W
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current gain Collector-base time constant Noise factor Output capacitance * Transition frequency * Measured using pulse current. Symbol VCBO VCEO VEBO ICBO IEBO IC=10iA IC=1mA IE=10iA VCB=20V VEB=10V Testconditons Min 30 18 3 0.5 0.5 0.5 56 6 4.5 0.9 600 1500 1.5 180 13 ps dB pF MHz Typ Max Unit V V V A A V
VCE(sat) IC/IB=20mA/4mA hFE rbb'.Cc NF Cob fT VCE=10V, IC=10mA VCB = 10V , IC = 10mA , f = 31.8MHz VCE=12V,IC=2mA,f=200MHz,Rg=50 VCB=10V, IE=0, f=1MHz VCE=10V, IE= 10mA, f=200MHz
hFE Classification
Marking Rank hFE 56 ACN N 120 82 ACP P 180
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn www.kesenes.com
1


▲Up To Search▲   

 
Price & Availability of 2SC3837K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X