Part Number Hot Search : 
B12404 B1212 HM402N8 B1212 ON0741 1604U PA1133 33N06
Product Description
Full Text Search
 

To Download 2SC3507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3507
DESCRIPTION With TO-3PFa package High-speed switching High collector-base voltage VCBO Satisfactory linearity of forward current transfer ratio hFE APPLICATIONS For high-speed switching applications
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER

INC
Collector-base voltage
Collector-emitter voltage
E SEM ANG H
Open base
OND IC
CONDITIONS
TOR UC
VALUE 1000 800 7 5 10 3 UNIT V V V A A A
Open emitter
Emitter-base voltage
Open collector
Collector current Collector current-peak Base current TC=25ae
80 W 3 150 -55~150 ae ae
PC
Collector power dissipation Ta=25ae
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=0.5A ;L=50mH IC=3A ;IB=0.6A IC=3A ;IB=0.6A VCB=1000V; IE=0 VEB=7V; IC=0 IC=3A ; VCE=5V IC=0.5A ; VCE=5V;f=1MHz 6 6 MIN 800
2SC3507
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V
1.5 1.5 50 50 |I |I
V V A A
MHz
Switching times ton ts tf Turn-on time Storage time
Fall time

CHA IN
E SEM NG
IC=3A; VCC=250V IB1=0.6A ,IB2=-1.2A
OND IC
TOR UC
1.0 |I 2.5 0.5
s |I |I s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3507

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.30mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3507

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC3507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X