Part Number Hot Search : 
NTE15 E002566 CEEVAA2 T74LV 20N65 LA9247T 313030P SK262
Product Description
Full Text Search
 

To Download 2SC3392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors IC
NPN Epitaxial Planar Silicon Transistors 2SC3392
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
Features
+0.1 2.4-0.1
Adoption of FBET process. High breakdown voltage : VCEO=50V. Large current capacitiy and high fT. Ultrasmall-sized package permitting sets to be smallsized, slim.
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation Jumction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 60 50 5 500 800 200 150 -55 to +150 Unit V V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Common base output capacitance Collector-to-emitter saturation voltage Base-to-emitter saturation voltage Collector-to-base breakdown voltage Collector-to-emitter breakdown voltage Emitter-to-base breakdown voltage Turn-on time Storage time Fall time Symbol IcBO IEBO hFE fT Cob Testconditons VCB = 40V , IE = 0 VEB = 4V , IC = 0 VCE = 5V , IC = 10mA VCE = 10V , IC = 50mA VCB = 10V , f = 1MHz 100 300 3.7 0.1 0.8 60 50 5 70 VCC = 20V, IC = 10IB1 = -10IB2 = 100mA 400 70 0.3 1.2 Min Typ Max 0.1 0.1 560 MHz pF V V V V V ns ns ns Unit iA iA
VCE(sat) IC = 100mA , IB =10mA VBE(sat) IC = 100mA , IB =10mA V(BR)CBO IC = 10iA , IE = 0 V(BR)CEO IC = 100iA , RBE = V(BR)EBO IE = 10iA , IC = 0 ton tstg tf
hFE Classification
Marking Rank hFE 100 4 200 5 140 280 AY 6 200 400 7 280 560
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC3392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X