Part Number Hot Search : 
L3223 AD802205 L1018 NTR4003 DS402ST 2A153D 2N6394 08TC1
Product Description
Full Text Search
 

To Download 2SC3361 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors IC
NPN Epitaxial Planar Silicon Transistors 2SC3361
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
Features
+0.1 2.4-0.1
Fast switching speed. High breakdown voltage.
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Base current Collector dissipation Jumction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP IB PC Tj Tstg Rating 60 50 5 150 400 40 150 125 -55 to +125 Unit V V V mA mA mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
2SC3361
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Common base output capacitance Collector-to-emitter saturation voltage Base-to-emitter saturation voltage Collector-to-base breakdown voltage Collector-to-emitter breakdown voltage Emitter-to-base breakdown voltage Delay time Rise time Storage time Fall time Symbol IcBO IEBO hFE fT Cob Testconditons VCB = 40V , IE = 0 VEB = 4V , IC = 0 VCE = 6V , IC = 1mA VCE = 6V , IC = 1mA VCB = 6V , f = 1MHz
Transistors IC
Min
Typ
Max 0.1 0.1
Unit iA iA
90 100 2.7 0.1 0.75 60 50 5 40 80 230 160
400 MHz pF 0.4 1.1 V V V V V ns ns ns ns
VCE(sat) IC = 10mA , IB =1mA VBE(sat) IC = 10mA , IB =1mA V(BR)CBO IC = 10iA , IE = 0 V(BR)CEO IC = 1mA , RBE = V(BR)EBO IE = 10iA , IC = 0 td tr tstg tf
hFE Classification
Marking hFE 90 S4 180 S5 135 270 S6 200 400
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SC3361

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X