Part Number Hot Search : 
50050 16N80 5C180 143V20M 100FPY 2N6896 LM317LBZ 100EP1
Product Description
Full Text Search
 

To Download 2SC3360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Epitaxial Transistor 2SC3360
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
High DC current gain.hFE=90 to 450
+0.1 2.4-0.1
High voltage VCEO=200V
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
Features
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PT Tj Tstg Rating 200 200 5 100 200 150 -55 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain * Base-emitter voltage * Collector-emitter saturation voltage * Base saturation voltage * Gain bandwidth product Output capacitance Turn-on time Storage time Fall time * Pulse test: tp 350 is; d 0.02. Symbol ICBO IEBO hFE VBE Testconditons VCB = 200V, IE=0 VEB = 5V, IC=0 VCE =10V , IC = 10mA VCE =10V , IC = 50mA VCE =10V , IC = 10mA 90 50 0.6 200 200 0.64 0.1 0.8 160 2.8 0.15 1.3 0.3 0.7 0.3 1.2 V V V MHz pF is is is Min Typ Max 100 100 450 Unit nA nA
VCE(sat) IC = 50mA , IB = 5mA VBE(sat) IC = 50mA , IB = 5mA fT Cob ton tstg tf VCE = 10V , IE = -10mA VCB = 30V , IE = 0 , f = 1.0MHz IC = 10mA, IB1 = -IB2 = 1mA, VCC = 10 V VBE(off) = -2.5V
hFE Classification
Marking hFE N15 90 180 N16 135 270 N17 200 450
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC3360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X