Part Number Hot Search : 
PA2410 15N60C PT78N ECH8672 BAT38MP TC124 TLP60 N5249B
Product Description
Full Text Search
 

To Download 2SC2859 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon NPN Epitaxial 2SC2859
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors IC
Unit: mm
+0.1 2.4-0.1
Excellent hFE linearity : hFE (2) = 25 (min) (VCE = 6 V, IC = 400 mA).
1
+0.1 0.95-0.1 +0.1 1.9-0.1
+0.1 1.3-0.1
Features
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating 35 30 5 500 50 150 125 -55 to +125 Unit V V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance Symbol ICBO IEBO hFE1 Testconditons VCB = 35 V, IE = 0 VEB = 5 V, IC = 0 VCE = 1V , IC = 100mA 70 25 0.1 0.8 300 7 0.25 1.0 V V MHz pF Min Typ Max 0.1 0.1 400 Unit iA iA
hFE2 * VCE = 6V , IC = 400mA VCE (sat) IC = 100 mA, IB = 10 mA VBE fT Cob VCE = 1V, IC = 100 mA VCE = 6V, IC = 20 mA VCB = 6V, IE = 0 , f = 1 MHz
* hFE 2 classification O: 25 min, Y: 40 min, GR: 70 min
hFE Classification
Marking hFE WO 70 140 WY 120 240 WG 200 400
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC2859

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X