Part Number Hot Search : 
KDZ91V BD620 N5821 2SC2216 4LS85 NTE7152 2CQ60 AD822
Product Description
Full Text Search
 

To Download 2SC2612 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2612
DESCRIPTION With TO-220 package High collector breakdown voltage : VCEO=400V(Min) APPLICATIONS For high voltage ,high speed and high power switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PT Tj Tstg

PARAMETER
Collector-base voltage
INC
Collector-emitter voltage
Emitter-base voltage
E SEM ANG H
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 500 400 7 3 6 1.5
UNIT V V V A A A W ae ae
Open base Open collector
Collector current Collector current-Peak Base current Total power dissipation Junction temperature Storage temperature TC=25ae
30 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current DC current gain DC current gain CONDITIONS IC=0.2A ,RBE= IE=10mA; IC=0 IC=1.5A; IB=0.3A IC=1.5A; IB=0.3A VCB=400V; IE=0 VCE=350V; RBE= IC=1.5A ; VCE=5V IC=3A ; VCE=5V 15 7 ,L=100mH MIN 400 7 TYP.
2SC2612
SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBEsat ICBO ICEO hFE-1 hFE-2
MAX
UNIT V V
1.0 1.5 100 100 |I |I
V V A A
Switching times ton tstg tf
Fall time

Turn-on time
INC
Storage time
E SEM ANG H
OND IC
TOR UC
1.0 1.2 2.5 1.0 |I |I |I s s s
IC=3.0A IB1=- IB2=0.6A VCCO 150V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2612

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2612

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC2612

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X