Part Number Hot Search : 
ICS95 P30CA LVC1G32 N10NG 1921X251 MC4053 SD335 15KE22CA
Product Description
Full Text Search
 

To Download 2SC2502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-220C package High breakdown voltage High speed switching time APPLICATIONS For use in high-voltage,high-speed ,power switching in inductive circuit.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC2502
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg
Collector-base voltage

PARAMETER
CHA IN
Collector current Base current Collector dissipation
Collector-emitter voltage
Emitter-base voltage
ES NG
Open emitter
Open base
MIC E
CONDITIONS
OND
TOR UC
VALUE 500 400 7 6 12 2
UNIT V V V A A A W ae ae
Open collector
Collector current-peak
TC=25ae
50 150 -55~150
Junction temperature Storage temperature
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction case MAX 2.5 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=100mA ; IB=0 IC=3A; IB=0.3A IC=3A; IB=0.3A VCE=320V ;IB=0 VCB=500V ;IE=0 VEB=7V; IC=0 IC=3A ; VCE=2V IC=6A ; VCE=2V IC=0.6A ; VCE=10V;f=1MHz 15 MIN 400
2SC2502
SYMBOL VCEO(SUS) VCEsat VBEsat ICEO ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V
0.7 1.5 100 100 1 |I |I
V V A A mA
Switching times ton tstg tf
Transition frequency

CHA IN
Turn-on time Storage time Fall time
E SEM NG
OND IC
10
TOR UC
8 1.0 3.0 0.7
MHz
|I |I |I
s s s
IC=3A IB1=-IB2=0.6A; RL=10| ,VCC=30V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2502

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC2502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X