Part Number Hot Search : 
EL7564 SM6135 MB3731 ISP1563 RNCEAC2 ST72T12 D15XB60 R09P1
Product Description
Full Text Search
 

To Download 2SB761 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB761 2SB761A
DESCRIPTION With TO-220C package Complement to type 2SD856/856A Low collector saturation voltage APPLICATIONS For audio frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Tc=25ae )
SYMBOL PARAMETER

VCBO
Collector-base voltage
VCEO
IN
Collector-emitter voltage
ANG CH
2SB761
2SB761A 2SB761
EMIC ES
Open emitter Open base Open collector
CONDITIONS
OND
TOR UC
VALUE -60 -80 -60
UNIT
V
V -80 -5 -3 -5 V A A W ae ae
2SB761A
VEBO IC ICM PC Tj Tstg
Emitter-base voltage Collector current Collector current-peak Collectorl power dissipation Junction temperature Storage temperature
TC=25ae
35 150 -55~150
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SB761 IC=-30mA; IB=0 2SB761A VCEsat VBE Collector-emitter saturation voltage Base-emitter on voltage 2SB761 2SB761A ICEO IEBO hFE-1 hFE-2 Collector cut-off current Emitter cut-off current IC=-3 A;IB=-0.375 A IC=-3A ; VCE=-4V VCE=-60V; VBE=0 CONDITIONS
2SB761 2SB761A
SYMBOL
MIN -60
TYP.
MAX
UNIT
VCEO
Collector-emitter breakdown voltage
V -80 -1.2 -1.8 V V
ICES
Collector cut-off current
-200 VCE=-80V; VBE=0 VCE=-60V; IB=0 VEB=-5V; IC=0 IC=-1A ; VCE=-4V IC=-3A ; VCE=-4V 40 10 -300 -1
|I
A
|I
A mA
DC current gain DC current gain

Switching times ton toff Turn-on time Turn-off time
HAN INC
Q 70-150 P
SEM GE
OND IC
TOR UC
250 0.5 2.0 |I |I s s
IC=-1A ; IB1=-IB2=-0.1 A
hFE-1 classifications R 40-90
120-250
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB761 2SB761A
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB761

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X