Part Number Hot Search : 
TDA15 6038015 74F455 IRU431L 0F0AR20 CPS140 HFU2N70S TPS62130
Product Description
Full Text Search
 

To Download 2SB649 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SB649
DESCRIPTION *High Collector Current-IC=-1.5A *High Collector-Emitter Breakdown Voltage: V(BR)CEO=-120V(Min) *Good Linearity of hFE *Low Saturation Voltage *Complement to Type 2SD669
APPLICATIONS *Power amplifier applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICP PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Pulse Collector Power Dissipation @ TC=25 PC Collector Power Dissipation @ Ta=25 TJ Tstg Junction Temperature Storage Temperature Range 1 150 -55~150 VALUE -180 -120 -5 -1.5 -3 20 W UNIT V V V A A
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCE(sat) VBE(on) ICBO hFE-1 hFE-2 fT COB PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Vltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current DC Current Gain DC Current Gain Current-Gain--Bandwidth Product Output Capacitance CONDITIONS IC= -1mA ; IE= 0 IC= -10mA ; RBE= IE= -1mA ; IC=0 IC= -500mA; IB= -50mA IC= -150mA ; VCE= -5V VCB= -160V; IE= 0 IC= -150mA ; VCE= -5V IC=-500mA ; VCE= -5V IC= -150mA ; VCE= -5V IE= 0; VCB= -10V,ftest= 1MHz 60 30 140 27 MIN -180 -120 -5 TYP.
2SB649
MAX
UNIT V V V
-1.0 -1.5 -10 320
V V A
MHz pF
hFE-1 Classifications B 60-120 C 100-200 D 160-320
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SB649

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X