Part Number Hot Search : 
MAX1935 KS3302BU 68000 25N028 RP421110 M3102 20800SAE B0000
Product Description
Full Text Search
 

To Download 2SB1302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
PNP Epitaxial Planar Silicon Transistors 2SB1302
Features
Adoption of FBET, MBIT processes. Low collector-to-emitter saturation voltage. Large current capacity. Fast switching speed. Very small size making it easy to provide highdensity, small-sized hybrid ICs.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation Jumction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating -25 -20 -5 -5 -8 1.3 150 -55 to +150 Unit V V V A A W
www.kexin.com.cn
1
SMD Type
2SB1302
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Output capacitance Collector-emitter saturation voltage Base-emitter saturation voltage Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Turn-on time Symbol ICBO IEBO hFE fT Cob Testconditons VCB = -20V , IE = 0 VEB = -4V , IE = 0 VCE = -2V , IC = -500mA VCE = -5V , IC = -200mA VCB = -10V , f = 1MHz
Transistors
Min
Typ
Max -500 -500
Unit nA nA
100 320 60 -250 -1 -25 -20 -5 40
400 MHz pF -500 -1.3 V V V V
VCE(sat) IC = -3A , IB = -60mA VBE(sat) IC = -3A , IB = -60mA V(BR)CBO IC = -10iA , IE = 0 V(BR)CEO IC = -1mA , RBE = V(BR)EBO IE = -10iA , IC = 0 ton
ns
Storage time
tstg
200
ns
Fall time
tf
10
ns
hFE Classification
Marking Rank hFE 100 R 200 140 BJ S 280 200 T 400
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SB1302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X