Part Number Hot Search : 
BR305 HSBD238 SZ5226 TA8266HQ 13063 9102D OP798 TIP29C
Product Description
Full Text Search
 

To Download 2SB1205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
Strobe High-Current Switching Applications 2SB1205
TO-252
+0.15 1.50 -0.15
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
Low saturation voltage. Fast switching speed.
+0.2 9.70 -0.2
6.50 +0.2 5.30-0.2
+0.15 -0.15
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
Large current capacity.
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Base current Collector dissipation TC = 25 Jumction temperature Storage temperature Tj Tstg Symbol VCBO VCEO VEBO IC ICP IB PC Rating -25 -20 -5 -5 -8 -0.5 1 10 150 -55 to +150 Unit V V V A A A W W
3.80
www.kexin.com.cn
1
SMD Type
2SB1205
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Output capacitance Collector-emitter saturation voltage Base-to-emitter saturation voltage Collector-to-base breakdown voltage Collector-to-emitter breakdown voltage Emitter-to-base breakdown voltage Turn-on time Symbol ICBO IEBO hFE fT Cob Testconditons VCB = -20V , IE = 0 VEB = -4V , IC = 0 VCE = -2V , IC = -500mA VCE = -2V , IC = -4A VCE = -5V , IC = -200mA VCB = -10V , f = 1MHz
Transistors
Min
Typ
Max -500 -500
Unit iA iA
100 60 320 60 -250 -1 -25 -20 -5 40
400
MHz pF -500 -1.3 mV V V V V ns
VCE(sat) IC = -3A , IB = -60mA VBE(sat) IC = -3A , IB = -60mA V(BR)CBO IC = -10iA , IE = 0 V(BR)CEO IC = -1mA , RBE = V(BR)EBO IE = -10iA , IC = 0 ton
Storage time
tstg
200
ns
Fall time
tf
10
ns
hFE Classification
Rank hFE R 100 200 S 140 280 T 200 400
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SB1205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X