Part Number Hot Search : 
1000B SW07S 03DRCW5 F100L 100J2 Z86E23 8EWF06S ISL85
Product Description
Full Text Search
 

To Download 2SB1204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
High-Current Switching Applications 2SB1204
TO-252
+0.15 1.50 -0.15
Transistors
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
Low collector-to-emitter saturation voltage. High current and high fT.
+0.2 9.70 -0.2
6.50 +0.2 5.30-0.2
+0.15 -0.15
+0.1 0.80-0.1
+0.15 0.50 -0.15
Fast switching time.
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation Ta = 25 Jumction temperature Storage temperature Tj Tstg Symbol VCBO VCEO VEBO IC ICP PC Rating -60 -50 -6 -8 -12 1 20 150 -55 to +150 Unit V V V A A W W
3.80
Excellent linearity of hFE.
www.kexin.com.cn
1
SMD Type
2SB1204
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Output capacitance Collector-emitter saturation voltage Base-to-emitter saturation voltage Collector-to-base breakdown voltage Collector-to-emitter breakdown voltage Emitter-to-base breakdown voltage Turn-on time Symbol ICBO IEBO hFE fT Cob Testconditons VCB = -40V , IE = 0 VEB = -4V , IC = 0 VCE = -2V , IC = -0.5A VCE = -2V , IC = -6A VCE = -5V , IC = -1A VCB = -10V , f = 1MHz
Transistors
Min
Typ
Max -1 -1
Unit iA iA
70 35 130 95 -250 -0.95 -60 -50 -6 50
400
MHz pF -500 -1.3 mV V V V V ns
VCE(sat) IC = -4A , IB = -0.2A VBE(sat) IC = -4A , IB = -0.2A V(BR)CBO IC = -10iA , IE = 0 V(BR)CEO IC = -1mA , RBE = V(BR)EBO IE = -10iA , IC = 0 ton
Storage time
tstg
450
ns
Fall time
tf
20
ns
hFE Classification
Rank hFE Q 70 140 R 100 200 S 140 280 T 200 400
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SB1204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X